Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDI7100 Datasheet(PDF) 13 Page - Analog Devices

Part # ADDI7100
Description  Complete, 12-Bit, 45 MHz CCD Signal Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDI7100 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADDI7100 Datasheet HTML 9Page - Analog Devices ADDI7100 Datasheet HTML 10Page - Analog Devices ADDI7100 Datasheet HTML 11Page - Analog Devices ADDI7100 Datasheet HTML 12Page - Analog Devices ADDI7100 Datasheet HTML 13Page - Analog Devices ADDI7100 Datasheet HTML 14Page - Analog Devices ADDI7100 Datasheet HTML 15Page - Analog Devices ADDI7100 Datasheet HTML 16Page - Analog Devices ADDI7100 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADDI7100
Rev. C | Page 13 of 20
ANALOG-TO-DIGITAL CONVERTER (ADC)
The ADDI7100 uses a high performance ADC architecture
optimized for high speed and low power. Differential non-
linearity (DNL) performance is typically better than 0.5 LSB.
The ADC uses a 2 V full-scale input range.
VARIABLE GAIN AMPLIFIER (VGA)
The VGA stage provides a gain range of 6 dB to 42 dB, pro-
grammable with 10-bit resolution through the serial digital
interface. The minimum gain of 6 dB is needed to match a 1 V
input signal with the ADC full-scale range of 2 V. A plot of the
VGA gain curve is shown in Figure 13.
VGA Gain (dB) = (VGA Code × 0.0358 dB) + 5.4 dB
where Code is in the range of 0 to 1023.
VGA GAIN REGISTER MODE
42
12
383
127
0
30
255
36
24
18
6
511
639
767
895
1023
Figure 13. VGA Gain Curve
DIGITAL DATA OUTPUTS
By default, the digital output data is latched by the rising edge of
the DATACLK input. Output data timing is shown in Figure 3.
It is also possible to make the output data latch transparent,
immediately validating the data outputs from the ADC. Setting
the DOUTLATCH register (Address 0x01[5]) to 1 configures
the latch as transparent. The data outputs can also be disabled
by setting the DOUT_OFF register (Address 0x01[4]) to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com