Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF5N95K3 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STF5N95K3
Description  N-channel 950 V, 3 ohm typ, 4 A Zener-protected SuperMESH3
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF5N95K3 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STF5N95K3 Datasheet HTML 7Page - STMicroelectronics STF5N95K3 Datasheet HTML 8Page - STMicroelectronics STF5N95K3 Datasheet HTML 9Page - STMicroelectronics STF5N95K3 Datasheet HTML 10Page - STMicroelectronics STF5N95K3 Datasheet HTML 11Page - STMicroelectronics STF5N95K3 Datasheet HTML 12Page - STMicroelectronics STF5N95K3 Datasheet HTML 13Page - STMicroelectronics STF5N95K3 Datasheet HTML 14Page - STMicroelectronics STF5N95K3 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
DocID15696 Rev 3
11/23
STD5N95K3, STF5N95K3, STP5N95K3, STU5N95K3
Package mechanical data
Table 9. DPAK (TO-252) mechanical data
Dim.
mm
Min.
Typ.
Max.
A2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
b0.64
0.90
b4
5.20
5.40
c0.45
0.60
c2
0.48
0.60
D6.00
6.20
D1
5.10
E6.40
6.60
E1
4.70
e2.28
e1
4.40
4.60
H
9.35
10.10
L1.00
1.50
(L1)
2.80
L2
0.80
L4
0.60
1.00
R0.20
V2
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com