Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF5N95K3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STF5N95K3
Description  N-channel 950 V, 3 ohm typ, 4 A Zener-protected SuperMESH3
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF5N95K3 Datasheet(HTML) 4 Page - STMicroelectronics

  STF5N95K3 Datasheet HTML 1Page - STMicroelectronics STF5N95K3 Datasheet HTML 2Page - STMicroelectronics STF5N95K3 Datasheet HTML 3Page - STMicroelectronics STF5N95K3 Datasheet HTML 4Page - STMicroelectronics STF5N95K3 Datasheet HTML 5Page - STMicroelectronics STF5N95K3 Datasheet HTML 6Page - STMicroelectronics STF5N95K3 Datasheet HTML 7Page - STMicroelectronics STF5N95K3 Datasheet HTML 8Page - STMicroelectronics STF5N95K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Electrical characteristics
STD5N95K3, STF5N95K3, STP5N95K3, STU5N95K3
4/23
DocID15696 Rev 3
2
Electrical characteristics
(Tcase =25 °C unless otherwise specified)
Table 4. On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 1 mA, VGS = 0
950
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 950 V
VDS = 950 V, TC=125 °C
1
50
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20 V
±10
µA
VGS(th)
Gate threshold voltage VDS = VGS, ID = 100 µA
3
4
5
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 2 A
3
3.5
Ω
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0
-
460
-
pF
Coss
Output capacitance
-
38
-
pF
Crss
Reverse transfer
capacitance
-1
-
pF
Co(tr)
(1)
1.
Time related is defined as a constant equivalent capacitance giving the same charging time as Coss when
VDS increases from 0 to 80% VDSS
Equivalent
capacitance time
related
VDS = 0 to 760 V, VGS = 0
-
970
-
pF
Co(er)
(2)
2.
Energy related is defined as a constant equivalent capacitance giving the same stored energy as Coss
when VDS increases from 0 to 80% VDSS
Equivalent
capacitance energy
related
VDS = 0 to 760 V, VGS = 0
-
15
-
pF
Rg
Gate input resistance
f=1 MHz , ID = 0
-
5.5
-
Ω
Qg
Total gate charge
VDD = 760 V, ID = 4 A,
VGS = 10 V
(see Figure 20)
-19
-
nC
Qgs
Gate-source charge
-
4.7
-
nC
Qgd
Gate-drain charge
-
12
-
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com