Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF5N95K3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF5N95K3
Description  N-channel 950 V, 3 ohm typ, 4 A Zener-protected SuperMESH3
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF5N95K3 Datasheet(HTML) 5 Page - STMicroelectronics

  STF5N95K3 Datasheet HTML 1Page - STMicroelectronics STF5N95K3 Datasheet HTML 2Page - STMicroelectronics STF5N95K3 Datasheet HTML 3Page - STMicroelectronics STF5N95K3 Datasheet HTML 4Page - STMicroelectronics STF5N95K3 Datasheet HTML 5Page - STMicroelectronics STF5N95K3 Datasheet HTML 6Page - STMicroelectronics STF5N95K3 Datasheet HTML 7Page - STMicroelectronics STF5N95K3 Datasheet HTML 8Page - STMicroelectronics STF5N95K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
DocID15696 Rev 3
5/23
STD5N95K3, STF5N95K3, STP5N95K3, STU5N95K3
Electrical characteristics
The built-in back-to-back Zener diodes have specifically been designed to enhance not only
the device’s ESD capability, but also to make them safely absorb possible voltage transients
that may occasionally be applied from gate to source. In this respect the Zener voltage is
appropriate to achieve an efficient and cost-effective intervention to protect the device’s
integrity. These integrated Zener diodes thus avoid the usage of external components.
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
td(on)
Turn-on delay time
VDD = 475 V, ID = 2 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 19)
-17
-
ns
tr
Rise time
-
7
-
ns
td(off)
Turn-off-delay time
-
32
-
ns
tf
Fall time
-
18
-
ns
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
ISD
Source-drain current
-
4
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
-
16
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 4 A, VGS = 0
-
1.6
V
trr
Reverse recovery time
ISD = 4 A, di/dt = 100 A/µs
VDD= 60 V
(see Figure 21)
-410
ns
Qrr
Reverse recovery charge
-
3.5
µC
IRRM
Reverse recovery current
-
17
A
trr
Reverse recovery time
ISD = 4 A, di/dt = 100 A/µs
VDD= 60 V TJ = 150 °C
(see Figure 21)
-516
ns
Qrr
Reverse recovery charge
-
4.1
µC
IRRM
Reverse recovery current
-
16
A
Table 8. Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
V(BR)GSO
Gate-source breakdown
voltage
IGS= ± 1 mA, ID=0
30
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com