Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1655 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1655
Description  Dual LED Flash Driver with I2C-Compatible Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1655 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1655 Datasheet HTML 12Page - Analog Devices ADP1655 Datasheet HTML 13Page - Analog Devices ADP1655 Datasheet HTML 14Page - Analog Devices ADP1655 Datasheet HTML 15Page - Analog Devices ADP1655 Datasheet HTML 16Page - Analog Devices ADP1655 Datasheet HTML 17Page - Analog Devices ADP1655 Datasheet HTML 18Page - Analog Devices ADP1655 Datasheet HTML 19Page - Analog Devices ADP1655 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADP1655
Rev. 0 | Page 16 of 24
I2C REGISTER MAP
The lowest bit number (0) represents the least significant bit, and the highest bit number (7) represents the most significant bit.
Table 8. Design Information Register (Register 0x00)
Bit
R/W
Reset State
7:0
R
00100001
Table 9. Version Register (Register 0x01)
Bit
R/W
Reset State
7:0
R
00000001
Table 10. VREF and Timer Register (Register 0x02)
Bit
R/W
Description
7:6
R/W
Reserved
5:4
R/W
Number of LEDs detection comparator reference level
00 = 4.3 V (default)
01 = 4.6 V
10 = 4.0 V
11 = 4.9 V
3:0
R/W
Flash timer value setting
0000 = 100 ms
0001 = 150 ms
0010 = 200 ms
0011 = 250 ms
0100 = 300 ms
0101 = 350 ms
0110 = 400 ms
0111 = 450 ms
1000 = 500 ms
1001 = 550 ms
1010 = 600 ms
1011 = 650 ms
1100 = 700 ms
1101 = 750 ms
1110 = 800 ms
1111 = 850 ms (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com