Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1655 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP1655
Description  Dual LED Flash Driver with I2C-Compatible Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1655 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP1655 Datasheet HTML 16Page - Analog Devices ADP1655 Datasheet HTML 17Page - Analog Devices ADP1655 Datasheet HTML 18Page - Analog Devices ADP1655 Datasheet HTML 19Page - Analog Devices ADP1655 Datasheet HTML 20Page - Analog Devices ADP1655 Datasheet HTML 21Page - Analog Devices ADP1655 Datasheet HTML 22Page - Analog Devices ADP1655 Datasheet HTML 23Page - Analog Devices ADP1655 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADP1655
Rev. 0 | Page 21 of 24
The worst-case capacitance accounting for capacitor variation
over temperature, component tolerance, and voltage is calcu-
lated using the following equation:
CEFF = COUT × (1 − TEMPCO) × (1 − TOL)
where:
CEFF is the effective capacitance at the operating voltage.
TEMPCO is the worst-case capacitor temperature coefficient.
TOL is the worst-case component tolerance.
In this example, TEMPCO over −40°C to +85°C is assumed to
be 15% for an X5R dielectric, TOL is assumed to be 10%, and
COUT is 9.528 μF at 1.8 V, as shown in Figure 35.
Substituting these values in the equation yields
CEFF = 9.528 μF × (1 − 0.15) × (1 − 0.1) = 7.288 μF
12
DC BIAS VOLTAGE (V)
10
8
6
4
2
0
0
2
4
6
8
101214
16
Figure 35. DC Bias Characteristic of a 16 V, 10 μF Ceramic Capacitor
To guarantee the performance of the ADP1655, it is imperative
that the effects of dc bias, temperature, and tolerances on the
behavior of the capacitors be evaluated for each application.
The peak-to-peak output voltage ripple for the selected output
capacitor and inductor values is calculated using the following
equation:
()
OUT
SW
RIPPLE
OUT
SW
IN
RIPPLE
C
f
I
C
L
f
V
V
×
×
=
×
×
×
×
π
=
8
2
2
Capacitors with lower equivalent series resistance (ESR) are
preferred to guarantee low output voltage ripple, as shown in
the following equation:
RIPPLE
RIPPLE
COUT
I
V
ESR
≤
The effective capacitance needed for stability, which includes
temperature and dc bias effects, is 4 μF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com