Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1655 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP1655
Description  Dual LED Flash Driver with I2C-Compatible Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1655 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP1655 Datasheet HTML 14Page - Analog Devices ADP1655 Datasheet HTML 15Page - Analog Devices ADP1655 Datasheet HTML 16Page - Analog Devices ADP1655 Datasheet HTML 17Page - Analog Devices ADP1655 Datasheet HTML 18Page - Analog Devices ADP1655 Datasheet HTML 19Page - Analog Devices ADP1655 Datasheet HTML 20Page - Analog Devices ADP1655 Datasheet HTML 21Page - Analog Devices ADP1655 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADP1655
Rev. 0 | Page 18 of 24
Table 13. Fault Information Register (Register 0x05)
Bit
R/W
Description
7
R
0 = no fault (default)
1 = overvoltage or COUT fault
6
R
0 = no fault (default)
1 = short-circuit fault
5
R
0 = no fault (default)
1 = overtemperature fault
4
R
0 = no fault (default)
1 = timeout 850 ms fault
3
R/W
0 = one LED
1 = two LEDs (default)
2
R
Reserved
1
R
0 = no fault (default)
1 = current limit fault
0
R
Reserved
Table 14. Input Control Register (Register 0x06)
Bit
R/W
Description
7:3
Reserved
2
R/W
0 = Strobe 0 triggers flash in level sensitive mode, Strobe 1 > 0 triggers flash in edge sensitive mode
1 = Strobe 1 triggers flash in level sensitive mode, Strobe 0 > 1 triggers flash in edge sensitive mode (default)
1
R/W
0 = TX_MASK function disabled
1 = TX_MASK function allowed (default)
0
R
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com