Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8314EEC Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # MPC8314EEC
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8314EEC Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button MPC8314EEC Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 101 page
background image
MPC8314E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
84
Freescale Semiconductor
Package and Pin Listings
VDD
J15, K15, K16, K17, K18, K19, L10, L19,
M10, T10, U10, U19, V10, V19, W11, W12,
W13, W14, W15, W16, W17, W18, P23,
R23, T19, M26, N26, P28, R28, U23, N27
I—
—
VDDC
J14, K11, K12, K13,
K14, M19
I—
—
VSS
A3, A27, B3, B12, B24, B28, C6, C8, C13,
C17, C21, C23, C26, D2, D7, D15, D18,
D20, D22, E4, E6, E11, E24, E26, F8, F12,
F14, F17, F20, G3, G26, H4, H23, J6, J26,
K25, L4, L11, L12, L13, L14, L15, L16, L17,
L18, L23, L28, M3, M11, M12, M13, M14,
M15, M16, M17, M18, N5, N11, N12, N13,
N14, N15, N16, N17, N18, P6, P11, P12,
P13, P14, P15, P16, P17, P18, R6, R11,
R12, R13, R14, R15, R16, R17, R18, T11,
T12, T13, T14, T15, T16, T17, T18, U5, U6,
U11, U12, U13, U14, U15, U16, U17, U18,
V6, V11, V12, V13, V14, V15, V16, V17,
V18, W5, W25, W27, Y2, Y23, AA6, AA27,
AB2, AB26, AC5, AC9, AC12, AC18, AC21,
AD3, AD14, AD16, AD20, AD26, AE2,
AE7, AE11, AE16, AE22, AE24, AF2, AF9,
AF12, AF18, AF20, AF23, AF27, AG1,
AG5, AG11, AG16, AG22, AG28, AH27,
U28,N28, M28, T28, V27, M27, V28, T26,
P24, R19, R20, R24, M24, N24, P19, P20,
P25, P27, R25, R27, T24
I—
—
XCOREVDD
P2, P10, R2, T1
I
—
—
XCOREVSS
R3, R10, U2, V2
I
—
—
XPADVDD
P3, R9, U3
I
—
—
XPADVSS
P5, P9, V3
I
—
—
Note:
1. This pin is an open drain signal. A weak pull-up resistor (1 k
) should be placed on this pin to NVDD.
2. This pin is an open drain signal. A weak pull-up resistor (2–10 k
) should be placed on this pin to NVDD.
3. This output is actively driven during reset rather than being three-stated during reset.
4. These JTAG pins have weak internal pull-up P-FETs that are always enabled.
5. This pin should have a weak pull up if the chip is in PCI host mode. Follow PCI specifications recommendation.
6. This pin must always be tied to VSS.
7. Thermal sensitive resistor.
8. This pin should be
connected to USB_VSSA_BIAS through 10K precision resistor.
9. The LB_POR_CFG_BOOT_ECC functionality for this pin is only available in MPC8314E revision 1.1 and later. The
LB_POR_CFG_BOOT_ECC is sampled only during the PORESET negation. This pin with an internal pull down resistor enables
the ECC by default. To disable the ECC an external strong pull up resistor or a tristate buffer is needed.
10.This pin has a weak internal pull-down.
11.This pin has a weak internal pull-up.
Table 66. MPC8314E TEPBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com