Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8314EEC Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # MPC8314EEC
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8314EEC Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button MPC8314EEC Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 101 page
background image
MPC8314E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
87
Clocking
This table provides the operating frequencies for the TEPBGA II under recommended operating
conditions (see Table 2).
23.1
System PLL Configuration
The system PLL is controlled by the RCWL[SPMF] parameter. Table 69 shows the multiplication factor
encodings for the system PLL.
NOTE
If RCWL[DDRCM] and RCWL[LBCM] are both cleared, the system PLL
VCO frequency = (CSB frequency)
 (System PLL VCO Divider).
If either RCWL[DDRCM] or RCWL[LBCM] are set, the system PLL VCO
frequency = 2
 (CSB frequency)  (System PLL VCO Divider).
The VCO divider needs to be set properly so that the System PLL VCO
frequency is in the range of 450–750 MHz.
Table 67. Configurable Clock Units
Unit
Default Frequency
Options
eTSEC1
csb_clk
Off, csb_clk, csb_clk/2, csb_clk/3
eTSEC2
csb_clk
Off, csb_clk, csb_clk/2, csb_clk/3
Security Core, I2C, SAP, TPR
csb_clk
Off, csb_clk, csb_clk/2, csb_clk/3
USB DR
csb_clk
Off, csb_clk, csb_clk/2, csb_clk/3
PCI and DMA complex
csb_clk
Off, csb_clk
PCI Express
csb_clk
Off, csb_clk
Serial ATA
csb_clk
Off, csb_clk, csb_clk/2, csb_clk/3
Table 68. Operating Frequencies for TEPBGA II
Characteristic1
Max Operating Frequency
Unit
e300 core frequency (core_clk)
400
MHz
Coherent system bus frequency (csb_clk)
133
MHz
DDR1/2 memory bus frequency (MCK)2
133
MHz
Local bus frequency (LCLKn)3
66
MHz
PCI input frequency (SYS_CLK_IN or PCI_CLK)
24-66
MHz
Note:
1. The SYS_CLK_IN frequency, RCWL[SPMF], and RCWL[COREPLL] settings must be chosen such that the resulting csb_clk,
MCK, LCLK[0:1], and core_clk frequencies do not exceed their respective maximum or minimum operating frequencies.
2. The DDR data rate is 2x the DDR memory bus frequency.
3. The local bus frequency is 1/2, 1/4, or 1/8 of the lbiu_clk frequency (depending on LCRR[CLKDIV]) which is in turn 1x or 2x the
csb_clk frequency (depending on RCWL[LBCM]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com