Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8314EEC Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC8314EEC
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8314EEC Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC8314EEC Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8314EEC Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 101 page
background image
MPC8314E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
9
Electrical Characteristics
3.1.2
Power Supply Voltage Specification
This table provides the recommended operating conditions for theMPC8314E. Note that the values in this
table are the recommended and tested operating conditions. Proper device operation outside of these
conditions is not guaranteed.
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Recommended
Value1
Unit
Status in D3
Warm mode
Note
SerDes internal digital power
XCOREVDD
1.0 ± 50 mv
V
Switched Off
—
SerDes internal digital power
XCOREVSS
0.0
V
—
—
SerDes I/O digital power
XPADVDD
1.0 ± 50 mv
V
Switched Off
—
SerDes I/O digital power
XPADVSS
0.0
V
—
—
SerDes analog power for PLL
SDAVDD
1.0 ± 50 mv
V
Switched Off
—
SerDes analog power for PLL
SDAVSS
0.0
V
—
—
Dedicated 3.3 V analog power for USB PLL
USB_PLL_PWR3
3.3 ± 165mv
V
Switched Off
—
Dedicated 1.0 Vanalog power for USB PLL
USB_PLL_PWR1
1.0 ± 50 mv
V
Switched Off
—
Dedicated analog ground for USB PLL
USB_PLL_GND
0.0
V
—
—
Dedicated USB power for USB bias circuit
USB_VDDA_BIAS
3.3 ± 300 mv
V
Switched Off
—
Dedicated USB ground for USB bias circuit
USB_VSSA_BIAS
0.0
V
—
—
Dedicated power for USB transceiver
USB_VDDA
3.3 ± 300 mv
V
Switched Off
—
Dedicated ground for USB transceiver
USB_VSSA
0.0
V
—
—
Core supply voltage
VDD
1.0 ± 50 mv
V
Switched Off
—
Core supply voltage
VDDC
1.0 ± 50 mv
V
Switched On
—
Analog power for e300 core APLL
AVDD1
1.0 ± 50 mv
V
Switched Off
6
Analog power for system APLL
AVDD2
1.0 ± 50 mv
V
Switched On
6
DDR and DDR2 DRAM I/O voltage
GVDD
2.5 ± 200 mv
1.8 ± 100 mv
V
Switched Off
—
Differential reference voltage for DDR and DDR2
controller
MVREF
GVDD /2
V
Switched Off
—
Standard I/O voltage
NVDD1_ON
3.3 ± 300 mv
V
Switched On
1
Standard I/O voltage
NVDD2_ON
3.3 ± 300 mv
V
Switched On
1
Standard I/O voltage
NVDD1_OFF
3.3 ± 300 mv
V
Switched Off
2
Standard I/O voltage
NVDD2_OFF
3.3 ± 300 mv
V
Switched Off
2
Standard I/O voltage
NVDD3_OFF
3.3 ± 300 mv
V
Switched Off
2
Standard I/O voltage
NVDD4_OFF
3.3 ± 300 mv
V
Switched Off
2
eTSEC/USBdr I/O supply
LVDD1_OFF
2.5 ± 125 mv
3.3 ± 300 mv
V
Switched Off
—
eTSEC I/O supply
LVDD2_ON
2.5 ± 125 mv
3.3 ± 300 mv
V
Switched On
—
Analog and digital ground
VSS
0.0
V
—
—
Junction temperature range
TA/TJ
0 to105
C—
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com