Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6574D Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6574D
Description  CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6574D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6574D Datasheet HTML 2Page - STMicroelectronics L6574D Datasheet HTML 3Page - STMicroelectronics L6574D Datasheet HTML 4Page - STMicroelectronics L6574D Datasheet HTML 5Page - STMicroelectronics L6574D Datasheet HTML 6Page - STMicroelectronics L6574D Datasheet HTML 7Page - STMicroelectronics L6574D Datasheet HTML 8Page - STMicroelectronics L6574D Datasheet HTML 9Page - STMicroelectronics L6574D Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
L6574
6/10
Oscillator Section:
A voltage controlled oscillator, with the selected frequencies fpre and fing, drives the output half bridge.
Independently selected, fpre is effective during tpre and fing is effective during normal lamp burning. When
working open loop, fpre and fing are the highest and lowest allowed oscillation frequencies.
Closed loop control of the lamp current under normal operation can be achieved with the L6574. This is
accomplished by automatic adjustment of the oscillator frequency. The OP AMP output is fed through a
resistor diode network to the Ring pin. See AN 993.
OP AMP Section:
The integrated OP AMP offers low output impedance, wide bandwidth, high input impedance and wide
common mode range. It can be readily used to implement closed loop control (see Oscillator Section) of
the lamp current.
EN1, EN2 Comparators:
Two CMOS comparators, with thresholds set at 0.6 V (typical) are available to implement protection meth-
ods (such as overvoltage, lamp removal, etc.). Short pulses (>200nsec) at the comparator inputs are rec-
ognized.
The EN1 input (active high) forces the L6574 in the shut down state (e.g. LVG low, HVG low, oscillator
stopped) in the event of an undervoltage condition. Normal operating condition is resumed after a power-
off power-on sequence or when EN2 input is high.
The EN2 input (active high) also restarts a preheat sequence (see timing diagrams).
TIMING DIAGRAMS
VCC
LVG
HVG
EN1
VSUVP
D97IN490
VCC
tPRE
tPRE
tSH
tSH
fPRE
fING
EN2
fOUT
VSUVP
D97IN491B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com