Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6574D Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6574D
Description  CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6574D Datasheet(HTML) 3 Page - STMicroelectronics

  L6574D Datasheet HTML 1Page - STMicroelectronics L6574D Datasheet HTML 2Page - STMicroelectronics L6574D Datasheet HTML 3Page - STMicroelectronics L6574D Datasheet HTML 4Page - STMicroelectronics L6574D Datasheet HTML 5Page - STMicroelectronics L6574D Datasheet HTML 6Page - STMicroelectronics L6574D Datasheet HTML 7Page - STMicroelectronics L6574D Datasheet HTML 8Page - STMicroelectronics L6574D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
L6574
ABSOLUTE MAXIMUM RATINGS
(*) The device has an internal Clamping Zener between GND and the VCC pin, it must not be supplied by
a Low Impedance Voltage Source.
Note: ESD immunity for pins 14, 15 and 16 is guaranteed up to 900V (Human Body Model)
9
EN2
Enable 2. EN2 input (active high) restarts the start-up procedure (preheating and ignition
sequence). This features is useful if the lamp does not turn-on after the first ignition sequence .
10
GND
Ground.
11
LVG
Low Side Driver Output. This pin must be connected to the low side power MOSFET gate of the
half bridge. A resistor connected between this pin and the power MOS gate can be used to
reduce the peak current.
12
VS
Supply Voltage. This pin, connected to the supply filter capacitor, is internally clamped (15.6V
typical).
13
N.C.
Non Connected. This pin set a distance between the pins related to the HV and those related to
the LV side.
14
OUT
High Side Driver Floating Reference. This pin must be connected close to the source of the high
side power MOS or IGBT.
15
HVG
High Side Driver Output. This pin must be connected to the high side power MOSFET gate of the
half bridge. A resistor connected between this pin and the power MOS gate can be used to
reduce the peak current.
16
VBOOT
Bootstrapped Supply Voltage. Between this pin and VS must be connected the bootstrap capac-
itor. A patented integrated circuitry replaces the external bootstrap diode, by means of a high
voltage DMOS, synchronously driven with the low side power MOSFET.
Symbol
Parameter
Value
Unit
IS
Supply Current (*)
25
mA
VLVG
Low Side Output
-0.3 to Vs +0.3
V
VOUT
High Side Reference
-1 to VBOOT -18
V
VHVG
High Side Output
-1 to VBOOT
V
VBOOT
Floating Supply Voltage
-1 to 618
V
dVBOOT/dt
VBOOT pin Slew rate (repetitive)
±50
V/ns
dVOUT/dt
OUT pin Slew Rate (repetitive)
±50
V/ns
Vir
Forced Input Voltage (pins Ring, Rpre)
-0.3 to 5
V
Vic
Forced Input Voltage (pins Cpre, Cf)
-0.3 to 5
V
VEN1, VEN2
Enable Input Voltage
-0.3 to 5
V
IEN1, IEN2
Enable Input Current
±3mA
Vopc
Sense Op Amp Common Mode Range
-0.3 to 5
V
Vopd
Sense Op Amp Differential Mode Range
±5V
Vopo
Sense Op Amp Output Voltage (forced)
4.6
V
Tstg, Tj
Storage Temperature
-40 to +150
°C
Tamb
Ambient Temperature
-40 to +125
°C
PIN DESCRIPTION (continued)
N°
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com