Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6574D Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6574D
Description  CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6574D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6574D Datasheet HTML 2Page - STMicroelectronics L6574D Datasheet HTML 3Page - STMicroelectronics L6574D Datasheet HTML 4Page - STMicroelectronics L6574D Datasheet HTML 5Page - STMicroelectronics L6574D Datasheet HTML 6Page - STMicroelectronics L6574D Datasheet HTML 7Page - STMicroelectronics L6574D Datasheet HTML 8Page - STMicroelectronics L6574D Datasheet HTML 9Page - STMicroelectronics L6574D Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/10
L6574
Figure 1. fING vs. RING.
Figure 2.
∆f vs. RPRE, with RING = 33kΩ
Figure 3.
∆f vs. RPRE, with RING = 50kΩ
Figure 4.
∆f vs. RPRE, with RING = 100kΩ
Figure 5. fING vs. temperature.
Figure 6. fPRE vs. temperature.
20
40
60
80
100 RING(KΩ)
20
40
60
80
100
fING
(KHz)
D98IN867
20
40
60
80
100 RPRE(KΩ)
20
40
60
80
∆f
(KHz)
D98IN868
RING=33K
Ω
20
40
60
80
100 RPRE(KΩ)
20
40
60
80
100
∆f
(KHz)
D98IN869
RING=50K
Ω
20
40
60
80
100 RPRE(KHΩ)
20
40
60
80
100
∆f
(KHz)
D98IN870
RING=100K
Ω
-50
0
50
100
40
50
60
70
D98IN871
T(˚C)
fING
(KHz)
-50
0
50
100
100
110
120
130
D98IN872
T(˚C)
fPRE
(KHz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com