Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9903 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9903
Description  MOTOR BRIDGE CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9903 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9903 Datasheet HTML 2Page - STMicroelectronics L9903 Datasheet HTML 3Page - STMicroelectronics L9903 Datasheet HTML 4Page - STMicroelectronics L9903 Datasheet HTML 5Page - STMicroelectronics L9903 Datasheet HTML 6Page - STMicroelectronics L9903 Datasheet HTML 7Page - STMicroelectronics L9903 Datasheet HTML 8Page - STMicroelectronics L9903 Datasheet HTML 9Page - STMicroelectronics L9903 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
L9903
6/17
ICP
Charging current
VCP= VVS + 8V
VVS = 13.5V
-50
-75
µA
tCP
Charging time 2)
VCP= VVS + 8V
VVS = 13.5V
CCP = 10nF
1.2
4
ms
fCP
Charge pump frequency
VVS = 13.5V
250
500
750
kHz
Drivers for external highside power MOS
VCB1
VCB2
Bootstrap voltage
VVS = 8V; ICBX = 0; VSX = 0
VVS =13.5V; ICBX = 0; VSX = 0
VVS = 20V; ICBX = 0; VSX = 0
7.5
10
10
14
14
14
V
V
V
RGH1L
RGH2L
ON-resistance of SINK stage
VCBX = 8V; VSX = 0
IGHX = 50mA; TJ = 25°C
10
Ω
VCBX = 8V; VSX = 0
IGHX = 50mA; TJ = 125°C
20
Ω
RGH1H
RGH2H
ON-resistance of SOURCE stage
IGHX = -50mA; TJ = 25°C
IGHX = -50mA; TJ = 125°C
10
20
Ω
Ω
VGH1H
VGH2H
Gate ON voltage (SOURCE)
VVS= VSX = 8V; IGHX = 0;
CCBX = 0.1µF
VVS
+6.5V
VVS
+14V
VVS = VSX = 13.5V; IGHX = 0;
CCBX = 0.1µF
VVS
+10V
VVS
+14V
VVS = VSX = 20V; IGHX = 0;
CCBX = 0.1µF
VVS
+10V
VVS
+14V
RGH1
RGH2
Gate discharge resistance
EN = LOW
10
100
k
Ω
RS1
RS2
Sink resistance
10
100
k
Ω
Drivers for external lowside power MOS
RGL1L
RGL2L
ON-resistance of SINK stage
IGLX = 50mA; TJ = 25°C
IGLX = 50mA; TJ = 125°C
10
20
Ω
Ω
RGL1H,
RGL2H
ON-resistance of SOURCE stage
IGLX = -50mA; TJ = 25°C
IGLX = -50mA; TJ = 125°C
10
20
Ω
Ω
VGL1H,
VGL2H
Gate ON voltage (SOURCE)
VVS = 8V; IGLX = 0
VVS = 13.5V; IGLX = 0
VVS = 20V; IGLX = 0
7V
10V
10V
VVS
VVS
14V
RGL1
RGL2
Gate discharge resistance
EN = LOW
10
100
k
Ω
2. not tested in production: guaranteed by design and verified in characterization
Timing of the drivers
tGH1LH
tGH2LH
Propagation delay time
Fig. 2
VVS = 13.5V
VS1 = VS2 =0
CCBX = 0.1µF
RPR= 10kW
500
ns
Table 5. Electrical Characteristcs (continued)
(8V < VVS < 20V, VEN = HIGH, -40°C
≤ TJ ≤ 150°C, unless otherwise specified. The voltages are refered to
GND and currents are assumed positive, when current flows into the pin
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com