Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9903 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9903
Description  MOTOR BRIDGE CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9903 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9903 Datasheet HTML 8Page - STMicroelectronics L9903 Datasheet HTML 9Page - STMicroelectronics L9903 Datasheet HTML 10Page - STMicroelectronics L9903 Datasheet HTML 11Page - STMicroelectronics L9903 Datasheet HTML 12Page - STMicroelectronics L9903 Datasheet HTML 13Page - STMicroelectronics L9903 Datasheet HTML 14Page - STMicroelectronics L9903 Datasheet HTML 15Page - STMicroelectronics L9903 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
L9903
12/17
3.4 Control inputs (EN, DIR, PWM)
The cmos level inputs drive the device as shown in fig.7 and described in the truth table.
The device is activated with enable input HIGH signal. For enable input floating (not connected) or VEN=0V the
device is in standby mode. When activating the device a wake-up time of 50µs is recommended to stabilize the
internal supplies.
The DIR and PWM inputs control the driver of the external H-Bridge transistors. The motor direction can be
choosen with the DIR input, the duty cycle and frequency with the PWM input. Unconnected inputs are defined
by internal pull up resistors. During wake-up and braking and before disactivating the IC via enable both inputs
should be driven HIGH.
Table 6. Truth table:
Symbols: x Don't care
R:Resistive output
TS:Thermal shutdown
0: Logic LOW or not active
L: Output in sink condition
OV:Overvoltage
1: Logic HIGH or active
H: Output in source condition
UV:Undervoltage
T: Tristate
SC:Short Circuit
6. Only those external MOS transistors of the H-Bridge which are in short circuit condition are switched off. All others remain driven
by DIR and PWM.
7. See Application Note AN2229
3.5 Thermal shutdown
When the junction temperature exceeds TJSD all driver are switched in sink condition (L), the K- output is off and
the diagnostic DG is LOW until the junction temperature drops below TJSD - TJHYST.
3.6 Overvoltage Shutdown
When the supply voltage VVS exceeds the overvoltage threshold VVSOVH all driver are switched in sink condition
(L), the K- output is off and the diagnostic DG is LOW.
3.7 Undervoltage Shutdown
For supply voltages below the undervoltage disable threshold the gate driver remains in sink condition (L) and
the diagnostic DG is low.
Status
Control inputs
Device status
Driver stage for external
power MOS
Diagnostic
Comment
EN
DIR
PWM
TS
OV
UV
SC
GH1
GL1
GH2
GL2
DG
1
0
xxx
xx
x
R7)
R
R7)
R
T
standby mode
2
1
x
x
10
00
LL
L
L
L
thermal
shutdown
3
1
x
x
01
00
LL
L
L
L
overvoltage
4
1
x
x
00
10
LL
L
L
L
undervoltage
5
1
x
x
00
01
X6)
X6)
X6)
X6
L
short circuit 6)
6
1
000
00
0L
H
H
L
H
7
1
x
1
00
00
H
L
H
L
H
braking mode
8
1
100
00
0
H
LL
H
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com