Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9903 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9903
Description  MOTOR BRIDGE CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9903 Datasheet(HTML) 3 Page - STMicroelectronics

  L9903 Datasheet HTML 1Page - STMicroelectronics L9903 Datasheet HTML 2Page - STMicroelectronics L9903 Datasheet HTML 3Page - STMicroelectronics L9903 Datasheet HTML 4Page - STMicroelectronics L9903 Datasheet HTML 5Page - STMicroelectronics L9903 Datasheet HTML 6Page - STMicroelectronics L9903 Datasheet HTML 7Page - STMicroelectronics L9903 Datasheet HTML 8Page - STMicroelectronics L9903 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/17
L9903
Table 3. Absolute Maximum Ratings
For externally applied voltages or currents exceeding these limits damage of the device may occur!
All pins of the IC are protected against ESD. The verification is performed according to MIL883C, human body
model with R=1.5k
Ω, C=100pF and discharge voltage ±2kV, corresponding to a maximum discharge energy of
0.2mJ.
Table 4. Thermal Data
1. see application note 110 for SO packages.
.
Symbol
Parameter
Value
Unit
VCB1 , VCB2 Bootstrap voltage
-0.3 to 40
V
ICB1 , ICB2
Bootstrap current
-100
mA
VCP
Charge pump voltage
-0.3 to 40
V
ICP
Charge pump current
-1
mA
VDIR ,VEN
,VPWM ,VTX
Logic input voltage
-0.3 to 7
V
IDIR ,IEN
,IPWM ,ITX
Logic input current
±1
mA
VDG ,VRX
Logic output voltage
-0.3 to 7
V
IDG ,IRX
Logic output current
-1
mA
VGH1, VGH2 Gate driver voltage
-0.3 to VSX + 10
V
IGH1 , IGH2
Gate driver current
-1
mA
VGL1 , VGL2 Gate driver voltage
-0.3 to 10
V
IGL1 , IGL2
Gate driver current
-10
mA
VK
K-line voltage
-20 to VS
V
VPR
Programming input voltage
-0.3 to 7
V
IPR
Programming input current
-1
mA
VS1 , VS2
Source/drain voltage
-2 to VVS + 2
V
IS1 , IS2
Source/drain current
-10
mA
VST
Output voltage
-0.3 to 40
V
IST
Step up output current
-1
mA
VVSDC
DC supply voltage
-0.3 to 27
V
VVSP
Pulse supply voltage (T < 500ms)
40
V
IVS
DC supply current
-100
mA
Symbol
Parameter
Value
Unit
TJ
Operating junction temperature
-40 to 150
°C
TJSD
Junction temperature thermal shutdown threshold
min 150
°C
TJSDH
Junction thermal shutdown hysteresis
typ 15
°C
Rth j-amb
Thermal resistance junction to ambient 1)
85
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com