Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7921AUJZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7921AUJZ-R2
Description  2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7921AUJZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD7921AUJZ-R2 Datasheet HTML 1Page - Analog Devices AD7921AUJZ-R2 Datasheet HTML 2Page - Analog Devices AD7921AUJZ-R2 Datasheet HTML 3Page - Analog Devices AD7921AUJZ-R2 Datasheet HTML 4Page - Analog Devices AD7921AUJZ-R2 Datasheet HTML 5Page - Analog Devices AD7921AUJZ-R2 Datasheet HTML 6Page - Analog Devices AD7921AUJZ-R2 Datasheet HTML 7Page - Analog Devices AD7921AUJZ-R2 Datasheet HTML 8Page - Analog Devices AD7921AUJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD7911/AD7921
Rev. A | Page 5 of 28
AD7921 SPECIFICATIONS
Temperature range for A Grade from −40°C to +85°C.
VDD = 2.35 V to 5.25 V, fSCLK = 5 MHz, fSAMPLE = 250 kSPS; TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
A Grade1
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 100 kHz sine wave
Signal-to-Noise and Distortion (SINAD)2
70
dB min
72
dB typ
Signal-to-Noise Ratio (SNR)2
71
dB min
72.5
dB typ
Total Harmonic Distortion (THD)2
−81
dB typ
Peak Harmonic or Spurious Noise (SFDR)2
−84
dB typ
Intermodulation Distortion (IMD)2
Second-Order Terms
−84
dB typ
fa = 100.73 kHz, fb = 90.72 kHz
Third-Order Term
−86
dB typ
fa = 100.73 kHz, fb = 90.72 kHz
Aperture Delay
10
ns typ
Aperture Jitter
30
ps typ
Channel-to-Channel Isolation2
−90
dB typ
Full Power Bandwidth
8.5
MHz typ
@ 3 dB
1.5
MHz typ
@ 0.1 dB
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity2
±1.5
LSB max
Differential Nonlinearity2
−0.9/+1.5
LSB max
Guaranteed no missed codes to 12 bits
Offset Error2
±1.5
LSB max
±0.5
LSB typ
Offset Error Match2, 3
±0.5
LSB max
Gain Error2
± 2
LSB max
±0.3
LSB typ
Gain Error Match2, 3
±1
LSB max
Total Unadjusted Error (TUE)2
±1.5
LSB max
ANALOG INPUT
Input Voltage Ranges
0 to VDD
V
DC Leakage Current
±0.3
μA max
Input Capacitance
20
pF typ
LOGIC INPUTS
Input High Voltage, VINH
0.7 (VDD)
V min
2.35 V ≤ VDD ≤ 2.7 V
2
V min
2.7 V < VDD ≤ 5.25 V
Input Low Voltage, VINL
0.3
V max
VDD = 2.35 V
0.2 (VDD)
V max
2.35 V < VDD ≤ 2.7 V
0.8
V max
2.7 V < VDD ≤ 5.25 V
Input Current, IIN, SCLK Pin
±0.3
μA max
VIN = 0 V or VDD
Input Current, IIN, CS Pin
±0.3
μA max
Input Current, IIN, DIN Pin
±0.3
μA max
Input Capacitance, CIN3
5
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDD − 0.2
V min
ISOURCE = 200 μA; VDD = 2.35 V to 5.25 V
Output Low Voltage, VOL
0.2
V max
ISINK = 200 μA
Floating-State Leakage Current
±0.3
μA max
Floating-State Output Capacitance3
5
pF max
Output Coding
Straight (natural) binary
See notes at end of table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com