Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7921AUJZ-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7921AUJZ-R2
Description  2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7921AUJZ-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7921AUJZ-R2 Datasheet HTML 19Page - Analog Devices AD7921AUJZ-R2 Datasheet HTML 20Page - Analog Devices AD7921AUJZ-R2 Datasheet HTML 21Page - Analog Devices AD7921AUJZ-R2 Datasheet HTML 22Page - Analog Devices AD7921AUJZ-R2 Datasheet HTML 23Page - Analog Devices AD7921AUJZ-R2 Datasheet HTML 24Page - Analog Devices AD7921AUJZ-R2 Datasheet HTML 25Page - Analog Devices AD7921AUJZ-R2 Datasheet HTML 26Page - Analog Devices AD7921AUJZ-R2 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD7911/AD7921
Rev. A | Page 23 of 28
For example, the ADSP-2189 has a master clock frequency of
40 MHz. If the SCLKDIV register is loaded with the value of 3,
then an SCLK of 5 MHz is obtained, and eight master clock
periods elapse for every one SCLK period. Depending on the
throughput rate selected, if the timer register is loaded with the
value 803 (803 + 1 = 804), then 100.5 SCLK occur between
interrupts and subsequently between transmit instructions. This
situation results in nonequidistant sampling, because the
transmit instruction occurs on a SCLK edge. If the number of
SCLKs between interrupts is a whole integer figure of N, then
equidistant sampling is implemented by the DSP.
AD7911/AD7921 to DSP563xx Interface
The connection diagram in Figure 34 shows how the AD7911/
AD7921 can be connected to the SSI (synchronous serial
interface) of the DSP563xx family of DSPs from Motorola. The
SSI is operated in synchronous and normal mode (SYN = 1 and
MOD = 0 in the Control Register B, CRB) with internally
generated word frame sync for both Tx and Rx (Bits FSL1 = 0
and FSL0 = 0 in the CRB). Set the word length in the Control
Register A (CRA) to 16 by setting Bits WL2 = 0, WL1 = 1, and
WL0 = 0 for the AD7921. This DSP does not offer the option
for a 14-bit word length, so the AD7911 word length is set up to
16 bits like the AD7921. For the AD7911, the conversion
process uses 16 SCLK cycles, with the last two clock periods
clocking out two trailing zeros to fill the 16-bit word.
To implement the power-down mode on the AD7911/AD7921,
the word length can be changed to 8 bits by setting Bits
WL2 = 0, WL1 = 0, and WL0 = 0 in CRA. The FSP bit in the
CRB register can be set to 1, which means that the frame goes
low and a conversion starts. Likewise, by means of the Bits
SCD2, SCKD, and SHFD in the CRB register, the Pin SC2 (the
frame sync signal) and SCK in the serial port are configured as
outputs, and the MSB is shifted first.
The values are as follows:
MOD = 0
SYN = 1
WL2, WL1, WL0 depend on the word length
FSL1 = 0, FSL0 = 0
FSP = 1, negative frame sync
SCD2 = 1
SCKD = 1
SHFD = 0
Note that, for signal processing applications, the frame
synchronization signal from the DSP563xx must provide
equidistant sampling.
AD7911/
AD7921*
DSP563xx*
SCK
SCLK
SRD
DOUT
STD
DIN
SC2
CS
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 34. Interfacing to the DSP563xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com