Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7921AUJZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7921AUJZ-R2
Description  2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7921AUJZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7921AUJZ-R2 Datasheet HTML 3Page - Analog Devices AD7921AUJZ-R2 Datasheet HTML 4Page - Analog Devices AD7921AUJZ-R2 Datasheet HTML 5Page - Analog Devices AD7921AUJZ-R2 Datasheet HTML 6Page - Analog Devices AD7921AUJZ-R2 Datasheet HTML 7Page - Analog Devices AD7921AUJZ-R2 Datasheet HTML 8Page - Analog Devices AD7921AUJZ-R2 Datasheet HTML 9Page - Analog Devices AD7921AUJZ-R2 Datasheet HTML 10Page - Analog Devices AD7921AUJZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD7911/AD7921
Rev. A | Page 7 of 28
TIMING SPECIFICATIONS
Guaranteed by characterization.
All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V.
VDD = 2.35 V to 5.25 V; TA = TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Limit at TMIN, TMAX
Unit
Description
fSCLK1
10
kHz min2
5
MHz max
tCONVERT
16 × tSCLK
AD7921
14 × tSCLK
AD7911
tQUIET
30
ns min
Minimum quiet time required between bus relinquish and start of next conversion
t1
15
ns min
Minimum CS pulse width
t2
10
ns min
CS to SCLK setup time
t33
30
ns max
Delay from CS until DOUT three-state is disabled
t43
45
ns max
DOUT access time after SCLK falling edge
t5
0.4 tSCLK
ns min
SCLK low pulse width
t6
0.4 tSCLK
ns min
SCLK high pulse width
t74
10
ns min
SCLK to DOUT valid hold time
t8
5
ns min
DIN setup time prior to SCLK falling edge
t9
6
ns min
DIN hold time after SCLK falling edge
t105
30
ns max
SCLK falling edge to DOUT three-state
10
ns min
SCLK falling edge to DOUT three-state
tPOWER-UP6
1
μs max
Power-up time from full power-down
1 Mark/space ratio for SCLK input is 40/60 to 60/40.
2 Minimum fSCLK at which specifications are guaranteed.
3 Measured with the load circuit in Figure 2 and defined as the time required for the output to cross VIH or VIL voltage.
4 Measured with a 50 pF load capacitor.
5 T10 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit in Figure 2. The measured number is then extrapolated
back to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t10, quoted in the timing characteristics is the true bus relinquish
time of the part and is independent of the bus loading.
6 See the Power-Up Time section.
TIMING DIAGRAMS
200
μAI
OL
200
μAI
OH
1.6V
TO OUTPUT
PIN
CL
50pF
Figure 2. Load Circuit for Digital Output Timing Specifications
SCLK
VIH
VIL
DOUT
t4
Figure 3. Access Time after SCLK Falling Edge
SCLK
VIH
VIL
DOUT
t7
Figure 4. Hold Time after SCLK Falling Edge
SCLK
1.6V
DOUT
t10
Figure 5. SCLK Falling Edge to DOUT Three-State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com