Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DX58SO Datasheet(PDF) 19 Page - Intel Corporation

Part # DX58SO
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO Datasheet(HTML) 19 Page - Intel Corporation

Back Button DX58SO Datasheet HTML 15Page - Intel Corporation DX58SO Datasheet HTML 16Page - Intel Corporation DX58SO Datasheet HTML 17Page - Intel Corporation DX58SO Datasheet HTML 18Page - Intel Corporation DX58SO Datasheet HTML 19Page - Intel Corporation DX58SO Datasheet HTML 20Page - Intel Corporation DX58SO Datasheet HTML 21Page - Intel Corporation DX58SO Datasheet HTML 22Page - Intel Corporation DX58SO Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 88 page
background image
Product Description
19
1.6.2
Serial ATA Interfaces
The board provides six Serial ATA (SATA) connectors, which support one device per
connector. The board also provides two red-colored external Serial ATA (eSATA)
connectors on the back panel.
1.6.2.1
Serial ATA Support
The board’s Serial ATA controller offers six independent Serial ATA ports with a
theoretical maximum transfer rate of 3 Gbits/sec per port. One device can be installed
on each port for a maximum of six Serial ATA devices. A point-to-point interface is
used for host to device connections, unlike Parallel ATA IDE which supports a
master/slave configuration and two devices per channel.
For compatibility, the underlying Serial ATA functionality is transparent to the
operating system. The Serial ATA controller can operate in both legacy and native
modes. In legacy mode, standard IDE I/O and IRQ resources are assigned (IRQ 14
and 15). In Native mode, standard PCI Conventional bus resource steering is used.
Native mode is the preferred mode for configurations using the Windows* XP and
Windows Vista* operating systems.
NOTE
Many Serial ATA drives use new low-voltage power connectors and require adapters or
power supplies equipped with low-voltage power connectors.
For more information, see: http://www.serialata.org/.
For information about
Refer to
The location of the Serial ATA connectors
Figure 11, page 43
1.6.2.2
Serial ATA RAID
The board supports the following RAID (Redundant Array of Independent Drives)
levels via the ICH10R:
•
RAID 0 - data striping
•
RAID 1 - data mirroring
•
RAID 0+1 (or RAID 10) - data striping and mirroring
•
RAID 5 - distributed parity
NOTE
In order to use supported RAID features, you must first enable RAID in the BIOS.
Also, during Microsoft Windows XP installation, you must press F6 to install the RAID
drivers. See your Microsoft Windows XP documentation for more information about
installing drivers during installation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com