Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DX58SO Datasheet(PDF) 21 Page - Intel Corporation

Part # DX58SO
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO Datasheet(HTML) 21 Page - Intel Corporation

Back Button DX58SO Datasheet HTML 17Page - Intel Corporation DX58SO Datasheet HTML 18Page - Intel Corporation DX58SO Datasheet HTML 19Page - Intel Corporation DX58SO Datasheet HTML 20Page - Intel Corporation DX58SO Datasheet HTML 21Page - Intel Corporation DX58SO Datasheet HTML 22Page - Intel Corporation DX58SO Datasheet HTML 23Page - Intel Corporation DX58SO Datasheet HTML 24Page - Intel Corporation DX58SO Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
Product Description
21
1.9
Legacy I/O Controller
The I/O controller provides the following features:
•
Consumer Infrared (CIR) headers
•
Serial IRQ interface compatible with serialized IRQ support for PCI systems
•
Intelligent power management, including a programmable wake-up event interface
•
PCI power management support
The BIOS Setup program provides configuration options for the I/O controller.
1.9.1
Consumer Infrared (CIR)
The Consumer Infrared (CIR) feature is designed to comply with Microsoft Consumer
Infrared usage models. Microsoft Windows Vista is the supported operating system
The CIR feature is made up of two separate pieces: the receiving (receiver) header,
and the output (emitter) header. The receiving header consists of a filtered translated
infrared input compliant with Microsoft CIR specifications, and also a “learning”
infrared input. This learning input is simply a high pass input which the computer can
use to “learn” to speak the infrared communication language of other user remotes.
The emitter header consists of two output ports which the PC can use to emulate
“learned” infrared commands in order to control external electronic hardware.
Customers are required to buy or create their own interface modules to plug into Intel
Desktop Boards for this feature to work.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com