Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DX58SO Datasheet(PDF) 39 Page - Intel Corporation

Part # DX58SO
Description  Technical Product Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO Datasheet(HTML) 39 Page - Intel Corporation

Back Button DX58SO Datasheet HTML 35Page - Intel Corporation DX58SO Datasheet HTML 36Page - Intel Corporation DX58SO Datasheet HTML 37Page - Intel Corporation DX58SO Datasheet HTML 38Page - Intel Corporation DX58SO Datasheet HTML 39Page - Intel Corporation DX58SO Datasheet HTML 40Page - Intel Corporation DX58SO Datasheet HTML 41Page - Intel Corporation DX58SO Datasheet HTML 42Page - Intel Corporation DX58SO Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
39
2
Technical Reference
2.1
Memory Resources
2.1.1
Addressable Memory
The board utilizes 16 GB of addressable system memory. Typically the address space
that is allocated for PCI Conventional bus add-in cards, PCI Express configuration
space, BIOS (SPI Flash device), and chipset overhead resides above the top of DRAM
(total system memory). On a system that has 16 GB of system memory installed, it is
not possible to use all of the installed memory due to system address space being
allocated for other system critical functions. These functions include the following:
•
BIOS/SPI Flash device (16 Mbit)
•
Local APIC (19 MB)
•
Direct Media Interface (40 MB)
•
Front side bus interrupts (17 MB)
•
PCI Express configuration space (256 MB)
•
IOH base address registers PCI Express ports (up to 256 MB)
•
Memory-mapped I/O that is dynamically allocated for PCI Conventional and PCI
Express add-in cards (256 MB)
The board provides the capability to reclaim the physical memory overlapped by the
memory mapped I/O logical address space. The board remaps physical memory from
the top of usable DRAM boundary to the 4 GB boundary to an equivalent sized logical
address range located just above the 4 GB boundary. Figure 9 shows a schematic of
the system memory map. All installed system memory can be used when there is no
overlap of system addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com