Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLEX10K Datasheet(PDF) 49 Page - Altera Corporation

Part # FLEX10K
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10K Datasheet(HTML) 49 Page - Altera Corporation

Back Button FLEX10K Datasheet HTML 45Page - Altera Corporation FLEX10K Datasheet HTML 46Page - Altera Corporation FLEX10K Datasheet HTML 47Page - Altera Corporation FLEX10K Datasheet HTML 48Page - Altera Corporation FLEX10K Datasheet HTML 49Page - Altera Corporation FLEX10K Datasheet HTML 50Page - Altera Corporation FLEX10K Datasheet HTML 51Page - Altera Corporation FLEX10K Datasheet HTML 52Page - Altera Corporation FLEX10K Datasheet HTML 53Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 128 page
background image
Altera Corporation
49
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Notes to tables:
(1)
See the Operating Requirements for Altera Devices Data Sheet.
(2)
Minimum DC input voltage is –0.5 V. During transitions, the inputs may undershoot to –2.0 V or overshoot to 5.75 V
for input currents less than 100 mA and periods shorter than 20 ns.
(3)
Numbers in parentheses are for industrial-temperature-range devices.
(4)
Maximum VCC rise time is 100 ms. VCC must rise monotonically.
(5)
EPF10K50V and EPF10K130V device inputs may be driven before VCCINT and VCCIO are powered.
(6)
Typical values are for T A = 25° C and VCC = 3.3 V.
(7)
These values are specified under the EPF10K50V and EPF10K130V device Recommended Operating Conditions in
Table 23 on page 48.
(8)
The IOH parameter refers to high-level TTL or CMOS output current.
(9)
The IOL parameter refers to low-level TTL or CMOS output current. This parameter applies to open-drain pins as
well as output pins.
(10) This value is specified for normal device operation. The value may vary during power-up.
(11) This parameter applies to -1 speed grade EPF10K50V devices, -2 speed grade EPF10K50V industrial temperature
devices, and -2 speed grade EPF10K130V devices.
(12) Capacitance is sample-tested only.
Table 24. EPF10K50V & EPF10K130V Device DC Operating Conditions
Notes (6), (7)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
High-level input voltage
2.0
5.75
V
VIL
Low-level input voltage
–0.5
0.8
V
VOH
3.3-V high-level TTL output
voltage
I OH = –8 mA DC (8)
2.4
V
3.3-V high-level CMOS output
voltage
I OH = –0.1 mA DC (8)
VCCIO – 0.2
V
VOL
3.3-V low-level TTL output
voltage
I OL = 8 mA DC (9)
0.45
V
3.3-V low-level CMOS output
voltage
I OL = 0.1 mA DC (9)
0.2
V
II
Input pin leakage current
VI = 5.3 V to –0.3 V (10)
–10
10
µA
IOZ
Tri-stated I/O pin leakage
current
VO = 5.3 V to –0.3 V (10)
–10
10
µA
ICC0
VCC supply current (standby)
VI = ground, no load
0.3
10
mA
VI = ground, no load (11)
10
mA
Table 25. EPF10K50V & EPF10K130V Device Capacitance
(12)
Symbol
Parameter
Conditions
Min
Max
Unit
CIN
Input capacitance
VIN = 0 V, f = 1.0 MHz
10
pF
CINCLK Input capacitance on dedicated
clock pin
VIN = 0 V, f = 1.0 MHz
15
pF
COUT
Output capacitance
VOUT = 0 V, f = 1.0 MHz
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com