Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLEX10K Datasheet(PDF) 79 Page - Altera Corporation

Part # FLEX10K
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10K Datasheet(HTML) 79 Page - Altera Corporation

Back Button FLEX10K Datasheet HTML 75Page - Altera Corporation FLEX10K Datasheet HTML 76Page - Altera Corporation FLEX10K Datasheet HTML 77Page - Altera Corporation FLEX10K Datasheet HTML 78Page - Altera Corporation FLEX10K Datasheet HTML 79Page - Altera Corporation FLEX10K Datasheet HTML 80Page - Altera Corporation FLEX10K Datasheet HTML 81Page - Altera Corporation FLEX10K Datasheet HTML 82Page - Altera Corporation FLEX10K Datasheet HTML 83Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 128 page
background image
Altera Corporation
79
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Table 58. EPF10K70 Device IOE Timing Microparameters
Note (1)
Symbol
-2 Speed Grade
-3 Speed Grade
-4 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tIOD
0.0
0.0
0.0
ns
tIOC
0.4
0.5
0.7
ns
tIOCO
0.4
0.4
0.9
ns
tIOCOMB
0.0
0.0
0.0
ns
tIOSU
4.5
5.0
6.2
ns
tIOH
0.4
0.5
0.7
ns
tIOCLR
0.6
0.7
1.6
ns
tOD1
3.6
4.0
5.0
ns
tOD2
5.6
6.3
7.3
ns
tOD3
6.9
7.7
8.7
ns
tXZ
5.5
6.2
6.8
ns
tZX1
5.5
6.2
6.8
ns
tZX2
7.5
8.5
9.1
ns
tZX3
8.8
9.9
10.5
ns
tINREG
8.0
9.0
10.2
ns
tIOFD
7.2
8.1
10.3
ns
tINCOMB
7.2
8.1
10.3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com