Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLEX10K Datasheet(PDF) 86 Page - Altera Corporation

Part # FLEX10K
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10K Datasheet(HTML) 86 Page - Altera Corporation

Back Button FLEX10K Datasheet HTML 82Page - Altera Corporation FLEX10K Datasheet HTML 83Page - Altera Corporation FLEX10K Datasheet HTML 84Page - Altera Corporation FLEX10K Datasheet HTML 85Page - Altera Corporation FLEX10K Datasheet HTML 86Page - Altera Corporation FLEX10K Datasheet HTML 87Page - Altera Corporation FLEX10K Datasheet HTML 88Page - Altera Corporation FLEX10K Datasheet HTML 89Page - Altera Corporation FLEX10K Datasheet HTML 90Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 128 page
background image
86
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Table 67. EPF10K100 Device EAB Internal Timing Macroparameters
Note (1)
Symbol
-3DX Speed Grade
-3 Speed Grade
-4 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tEABAA
13.7
13.7
17.0
ns
tEABRCCOMB
13.7
13.7
17.0
ns
tEABRCREG
9.7
9.7
11.9
ns
tEABWP
5.8
5.8
7.2
ns
tEABWCCOMB
7.3
7.3
9.0
ns
tEABWCREG
13.0
13.0
16.0
ns
tEABDD
10.0
10.0
12.5
ns
tEABDATACO
2.0
2.0
3.4
ns
tEABDATASU
5.3
5.3
5.6
ns
tEABDATAH
0.0
0.0
0.0
ns
tEABWESU
5.5
5.5
5.8
ns
tEABWEH
0.0
0.0
0.0
ns
tEABWDSU
5.5
5.5
5.8
ns
tEABWDH
0.0
0.0
0.0
ns
tEABWASU
2.1
2.1
2.7
ns
tEABWAH
0.0
0.0
0.0
ns
tEABWO
9.5
9.5
11.8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com