Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-2R2MS Datasheet(PDF) 21 Page - International Rectifier

Part # PCMB065T-2R2MS
Description  Dual output, 4A/Phase, Highly Integrated SupIRBuck
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-2R2MS Datasheet(HTML) 21 Page - International Rectifier

Back Button PCMB065T-2R2MS Datasheet HTML 17Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 18Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 19Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 20Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 21Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 22Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 23Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 24Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
Dual output, 4A/Phase, Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
IR3891
21
www.irf.com
© 2013 International Rectifier
May 08, 2013
up to approximately 3.3V when left floating in normal
operation and only used by channel 2.
In sequencing mode of operation, Vout2 is initially
regulated with the Seq pin. Vout2 ramps up similar to
the normal operation, but Intl_SS is replaced with Seq.
Seq is kept to ground level until Intl_SS signal reaches
its final value. FB2 follows Seq, until Seq approaches
VREF where the E/A switches reference to the VREF.
Vout2 is then regulated with respect to internal VREF
(refer to Figure 17). The final Seq voltage should
between 0.7V and 3.3V.
FB/Vsns
1.3 mS*
PGood
OVP
Is Activated
0.65V
* typical filter delay
Intl_SS
VPG(Upper)
VPG(Lower)
OVP(Threshold)
OVP(Hys)
1.3 mS*
LDrv
turned off
Figure 16: Timing Diagram for Output Sequence
Figure 17: Timing Diagram for Sequence Startup (Seq
ramping up/down)
IR3891 can perform simultaneous or ratiometric
sequencing operations. Simultaneous sequencing is
when the both outputs rise at the same rate. During
Ratiometric sequencing, the ratio of the two outputs is
held constant during power-up.
Figure 19 shows
examples of the two sequencing modes.
IR3891 uses a single configuration to implement both
mode of sequencing operations. Figure 18 shows the
typical circuit configuration for both modes of
sequencing operation. The sequencing mode is
determined by the RA/RB, RE/RF, and RC/RD ratios. If
RE/RF = RC/RD, simultaneous startup is achieved.
Vout2 follows Vout1 until the voltage at the Seq pin
reaches VREF.
After the voltage at the Seq pin
exceeds VREF, VREF dictates Vout2. In ratiometric
startup, Vout2 rises at a slower rate than Vout1. The
resistor values are set up in the following way, RA/RB >
RE/RF > RC/RD.
Table 2 summarizes the required conditions to
achieve simultaneous or ratiometric sequencing
operations.
Table 2: Required Conditions for Simultaneous /
Ratiometric Tracking and Sequencing
Operating Mode
Seq
Required
Condition
Normal
(Non-sequencing,
Non-tracking)
Floating
―
Simultaneous
Sequencing
Ramp up
from 0V
RA/RB>RE/RF=RC/RD
Ratiometric
Sequencing
Ramp up
from 0V
RA/RB>RE/RF>RC/RD
Figure 18: Application Circuit for Simultaneous
and Ratiometric Sequencing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com