Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-2R2MS Datasheet(PDF) 30 Page - International Rectifier

Part # PCMB065T-2R2MS
Description  Dual output, 4A/Phase, Highly Integrated SupIRBuck
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-2R2MS Datasheet(HTML) 30 Page - International Rectifier

Back Button PCMB065T-2R2MS Datasheet HTML 26Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 27Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 28Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 29Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 30Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 31Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 32Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 33Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 34Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
Dual output, 4A/Phase, Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
IR3891
30
www.irf.com
© 2013 International Rectifier
May 08, 2013

11
12
11
2
.
1
_
Rsns
Rsns
Rsns
VREF
Vout
OVP
(36)
Vout_OVP = 2.17 V
Selecting Power Good Pull-Up Resistor
The PGood1 and PGood2 are open drain outputs and
require pull up resistors to VCC. The value of the pull-
up resistors should limit the current flowing into the
each PGood pin to be less than 5mA. A typical value
used is 49.9kΩ.
The specifications for the channel 2 design:
Vin=12V
Vo=1.2V
Vramp=1.8V (This is a function of Vin, pls. see feed
forward section)
Vref=0.5V
Lo=1.5uH
Co=4x22uF, ESR≈3mΩ each
In the calculations, 10uF is used for the 22uF Co
capacitors due to the 1.2V bias and 600 kHz
frequency.
These result to:
FLC = 20.5 kHz
FESR = 5.3 MHz
Fs/2 = 300 kHz
Select crossover frequency F0=100 kHz
Since FLC<F0<Fs/2<FESR, Type III is selected to place
the pole and zeros.
Detailed calculation of compensation Type III:
Desired Phase Margin Θ = 70°
sin
1
sin
1
2
o
Z
F
F
17.6 kHz
sin
1
sin
1
2
o
P
F
F
567.1 kHz
Select:
2
1
5
.
0
Z
Z
F
F
8.8 kHz and
s
P
F
F
5
.
0
3
300 kHz
Select C4 = 2.2nF.
Calculate R3, C3 and C2:
in
ramp
o
o
o
V
C
V
C
L
F
R
4
3
2
; R3 = 2.57 kΩ,
Select: R3 = 2.87 kΩ
3
1
3
2
1
R
F
C
Z
; C3 = 7 nF,
Select: C3 = 10 nF
3
3
2
2
1
R
F
C
P
;
C2 = 206 pF,
Select: C2 = 150 pF
Calculate R4, R5 and R6:
2
4
4
2
1
P
F
C
R
; R4 = 127.6 Ω,
Select R4 = 130 Ω
2
4
5
2
1
Z
F
C
R
; R5 = 3.98 kΩ,
Select R5 = 4.02 kΩ
5
6
R
V
V
V
R
ref
o
ref
; R6 = 2.84 kΩ,
Select R6 = 2.87 kΩ
Setting the Power Good Threshold
Equation (35) shows how to set values for Rsns12
and Rsns11. Use the same equation to determine
Rsns21 and Rsns22 values, but substitute Rsns22 for
Rsns12 and Rsns21 for Rsns11.
Choose Rsns21=2.87 KΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com