Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-2R2MS Datasheet(PDF) 35 Page - International Rectifier

Part # PCMB065T-2R2MS
Description  Dual output, 4A/Phase, Highly Integrated SupIRBuck
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-2R2MS Datasheet(HTML) 35 Page - International Rectifier

Back Button PCMB065T-2R2MS Datasheet HTML 31Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 32Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 33Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 34Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 35Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 36Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 37Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 38Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 39Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
Dual output, 4A/Phase, Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
IR3891
35
www.irf.com
© 2013 International Rectifier
May 08, 2013
Suggested Bill of Material for application circuit 12V to 1.8V and 1.2V using external 5V VCC
Part Reference
Qty
Value
Description
Manufacturer
Part Number
Cpvin1
1
330uF
SMD, electrolytic, 25V, 20%
Panasonic
EEV-FK1E331P
Cpvin2
4
10uF
1206, 25V, X5R, 10%
TDK
C3216X5R1E106M
Cvin
1
1.0uF
0603, 25V, X5R, 10%
Murata
GRM188R61E105KA12D
Cvcc
1
2.2uF
0603, 16V, X5R, 20%
TDK
C1608X5R1C225M
Cpvin3 Cboot1
Cboot2 Co1
Co2
6
0.1uF
0603, 25V, X7R, 10%
Murata
GRM188R71E104KA01D
Cc11 Cc21
2
1000pF
0603, 50V, X7R, 10%
Murata
GRM188R71H102KA01D
Cc12 Cc22
2
5.6nF
0603, 50V, X7R, 10%
Murata
GRM188R71H562KA01D
Cc13 Cc23
2
100pF
0603, 50V, NPO, 5%
Murata
GRM1885C1H101JA01D
Cout1 Cout2
8
22uF
0805, 6.3V X5R, 20%
TDK
C2012X5R0J226M
L0
1
2.2uH
SMD 7.05x6.6x4.8mm,
11.2mΩ
Cyntec
PCMB065T-2R2MS
L1
1
1.5uH
SMD 7.05x6.6x4.8mm,
6.0mΩ
Cyntec
PCMB065T-1R5MS
Rbd1 Rbd2
2
20
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF20R0V
Rc11
1
127
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF1270V
Rc12
1
5.9K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF5901V
Rc21
1
140
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF1400V
Rc22
1
3.74K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF3741V
Ren11 Ren21
2
7.5K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF7501V
Ren12 Ren22
Rpg1 Rpg2
4
49.9K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF4992V
Rfb11 Rsns11
2
6.34K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF6341V
Rfb12 Rsns12
2
16.5K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF1652V
Rfb21 Rsns21
2
13K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF1302V
Rfb22 Rsns22
2
18.2K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF1822V
Rt
1
39.2K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF3922V
U1
1
IR3891
PQFN 5x6mm
International
Rectifier
IR3891MPBF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com