Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC3151 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3151
Description  Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3151 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC3151 Datasheet HTML 35Page - Texas Instruments DAC3151 Datasheet HTML 36Page - Texas Instruments DAC3151 Datasheet HTML 37Page - Texas Instruments DAC3151 Datasheet HTML 38Page - Texas Instruments DAC3151 Datasheet HTML 39Page - Texas Instruments DAC3151 Datasheet HTML 40Page - Texas Instruments DAC3151 Datasheet HTML 41Page - Texas Instruments DAC3151 Datasheet HTML 42Page - Texas Instruments DAC3151 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
DAC3151
DAC3161
DAC3171
www.ti.com
SLAS959A – AUGUST 2013 – REVISED AUGUST 2013
Register name: config1 – Address: 0x01, Default: 0x600E
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config1
0x01
15
iotest_ena
Turns on the io-testing circuitry when asserted. This is the circuitry
0
that will compare a 8 sample input pattern to SIF programmed
registers to make sure the data coming into the chip meets
setup/hold requirements. If this bit is a ‘0’ then the clock to this
circuitry is turned off for power savings. NOTE: Sample 0 should
be aligned with the rising edge of SYNC.
14
reserved
reserved
1
13
fullwordinterface_ena
When asserted the input interface is changed to use the full 14-bits
1
for each word, instead of dual 8-bit buses for two half words. Note:
fixed to "1" for DAC3151/DAC3161.
12
64cnt_ena
This enables the resetting of the alarms after 64 good samples with 0
the goal of removing unnecessary errors. For instance on a lab
board, when checking the setup/hold through IO TEST, there may
initially be errors, but once the test is up and running everything
works. Setting this bit removes the need for a SIF write to clear the
alarm register.
11
dacclkgone_ena
This allows the DACCLK gone signal from the clock monitor to be
0
used to shut the output off.
10
dataclkgone_ena
This allows the DATACLK gone signal from the clock monitor to be
0
used to shut the output off.
9
collision_ena
This allows the collision alarm from the FIFO to shut the output off
0
8
reserved
reserved.
0
7
daca_compliment
When asserted the output to the DACA is complimented. This
0
allows the user of the chip to effectively change the + and –
designations of the DAC output pins.
6
reserved
reserved
0
5
sif_sync
This is the SIF_SYNC signal. Whatever is programmed into this
0
bitwill be used as the chip sync when SIF_SYNC mode is
enabled.Design is sensitive to rising edges so programming from 0-
>1 is when the sync pulse is generated. 1->0 has no effect.
4
sif_sync_ena
When asserted enable SIF_SYNC mode.
0
3
alarm_2away_ena
When asserted alarms from the FIFO that represent the pointers
1
being 2 away are enabled
2
alarm_1away_ena
When asserted alarms from the FIFO that represent the pointers
1
being 1 away are enabled
1
alarm_collision_ena
When asserted the collision of FIFO pointers causes an alarm to be 1
generated
0
reserved
reserved
0
Register name: config2 – Address: 0x02, Default: 0x3FFF
Register
Addr
Bit
Name
Function
Default Value
Name
(Hex)
config2
0x02
15
reserved
reserved.
0
14
reserved
reserved.
0
13:0
lvdsdata_ena
These 14 bits are individual enables for the 14 input pin receivers.
0x3FFF
Note: for DAC3171 7-bit input interface mode, it is
recommended to turn off bits(6:0).
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: DAC3151 DAC3161 DAC3171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com