Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC3151 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3151
Description  Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3151 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC3151 Datasheet HTML 17Page - Texas Instruments DAC3151 Datasheet HTML 18Page - Texas Instruments DAC3151 Datasheet HTML 19Page - Texas Instruments DAC3151 Datasheet HTML 20Page - Texas Instruments DAC3151 Datasheet HTML 21Page - Texas Instruments DAC3151 Datasheet HTML 22Page - Texas Instruments DAC3151 Datasheet HTML 23Page - Texas Instruments DAC3151 Datasheet HTML 24Page - Texas Instruments DAC3151 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
−100
−90
−80
−70
−60
−50
0
50
100
150
200
250
Output Frequency (MHz)
Adjacent channel
fDAC = 500 MSPS
G013
−100
−90
−80
−70
−60
−50
0
50
100
150
200
250
Output Frequency (MHz)
Alternate channel
fDAC = 500 MSPS
G012
100
110
120
130
140
150
160
170
0
50
100
150
200
250
Output Frequency (dB)
0dBFS
−6dBFS
−12dBFS
G011
100
110
120
130
140
150
160
170
0
100
200
250
Output Frequency (MHz)
fDAC = 200 MSPS
fDAC = 300 MSPS
fDAC = 400 MSPS
fDAC = 500 MSPS
G012
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
250
Output Frequency (dB)
0dBFS
−6dBFS
−12dBFS
G009
20
30
40
50
60
70
80
90
100
0
50
100
150
200
250
Output Frequency (MHz)
fDAC = 200 MSPS
fDAC = 300 MSPS
fDAC = 400 MSPS
fDAC = 500 MSPS
G010
DAC3151
DAC3161
DAC3171
www.ti.com
SLAS959A – AUGUST 2013 – REVISED AUGUST 2013
TYPICAL CHARACTERISTICS (continued)
All plots are at 25°C, nominal supply voltages, fDAC = 500MSPS, 50% clock duty cycle, 0-dBFS input signal and 20mA full-
scale output current (unless otherwise noted).
Figure 11. DAC3151 IMD3 vs Output Frequency Over Input
Figure 12. DAC3151 IMD3 vs Output Frequency Over fDAC
Scale
Figure 13. DAC3151 NSD vs Output Frequency Over Input
Figure 14. DAC3151 NSD vs Output Frequency Over fDAC
Scale
Figure 15. DAC3151 ACLR (Adjacent Channel) vs Output
Figure 16. DAC3151 ACLR (Alternate Channel) vs Output
Frequency
Frequency
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: DAC3151 DAC3161 DAC3171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com