Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC3151 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3151
Description  Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3151 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC3151 Datasheet HTML 9Page - Texas Instruments DAC3151 Datasheet HTML 10Page - Texas Instruments DAC3151 Datasheet HTML 11Page - Texas Instruments DAC3151 Datasheet HTML 12Page - Texas Instruments DAC3151 Datasheet HTML 13Page - Texas Instruments DAC3151 Datasheet HTML 14Page - Texas Instruments DAC3151 Datasheet HTML 15Page - Texas Instruments DAC3151 Datasheet HTML 16Page - Texas Instruments DAC3151 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
DAC3151
DAC3161
DAC3171
www.ti.com
SLAS959A – AUGUST 2013 – REVISED AUGUST 2013
PIN ASSIGNMENT TABLE – DAC3171 14-BIT INTERFACE MODE (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
DATA INTERFACE
DATA[13:0]P/N
9/10-
I
LVDS input data bits for both channels. Each positive/negative LVDS pair has an internal 100
Ω
19/20
termination resistor. Data format relative to DATACLKP/N clock is Double Data Rate (DDR) with two data
transfers per DATACKP/N clock cycle.
22/23
26/27,
The data format is interleaved with channel A (rising edge) and channel B falling edge.
29/30-
In the default mode (reverse bus not enabled):
39/40
DATA13P/N is most significant data bit (MSB)
DATA0P/N is most significant data bit (LSB)
DATACLKP/N
24/25
I
DDR differential input data clock. Edge to center nominal timing. Ch A rising edge, Ch B falling edge in
multiplexed output mode.
SYNCP/N
6/7
I
Reset the FIFO or to be used as a syncing source. These two functions are captured with the rising edge
of DATACLKP/N. The signal captured by the falling edge of DATACLKP/N.
ALIGNP/N
4/5
I
LVPECL FIFO output syncrhonization. This positive/negative pair is captured with the rising edge of
DACCLKP/N. It is used to reset the clock dividers and for multiple DAC synchronization. If unused it can
be left unconnected.
OUTPUT/CLOCK
DACCLKP/N
1/2
I
LVPECL clock input for DAC core with a self-bias of approximately CLKVDD18/2.
IOUTAP/N
61/60
O
A-Channel DAC current output. An offset binary data pattern of 0x0000 at the DAC input results in a full
scale current source and the most positive voltage on the IOUTAP pin. Similarly, a 0xFFFF data input
results in a 0 mA current source and the least positive voltage on the IOUTAP pin.
REFERENCE
EXTIO
58
I/O
Used as external reference input when internal reference is disabled. Requires a 0.1 µF decoupling
capacitor to GND when used as reference output.
BIASJ
57
O
Full-scale output current bias. For 20 mA full-scale output current, connect a 960
Ω resistor to GND.
POWER SUPPLY
IOVDD
45
I
Supply voltage for CMOS IO’s. 1.8V – 3.3V.
CLKVDD18
3
I
1.8V clock supply
DIGVDD18
21, 28
I
1.8V digital supply. Also supplies LVDS receivers.
VDDA18
50, 64
I
Analog 1.8V supply
VDDA33
55, 56,
I
Analog 3.3V supply
59
VFUSE
8
I
Digital supply voltage. (1.8V) This supply pin is also used for factory fuse programming. Connect to
DVDD pins for normal operation.
NC
51, 52,
Not Used. These pins can be left open or tied to GROUND in actual application use.
53, 54
62, 63
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
LEAD/BALL
ODERING
TRANSPORT
PRODUCT
TEMPERATUR
ECO PLAN
QUANTITY
LEAD
DESIGNATOR
FINISH
NUMBER
MEDIA
E RANGE
DAC3151IRGCT
250
DAC3151
DAC3151IRGCR
2000
DAC3161IRGCT
250
GREEN (RoHS
DAC3161
QFN-64
RGC
–40°C to 85°C
NiPdAu
Tape and Reel
and no Sb/Br)
DAC3161IRGCR
2000
DAC3171IRGCT
250
DAC3171
DAC3171IRGCR
2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DAC3151 DAC3161 DAC3171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com