Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564AUG Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCF8564AUG
Description  Real time clock and calendar
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564AUG Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCF8564AUG Datasheet HTML 26Page - NXP Semiconductors PCF8564AUG Datasheet HTML 27Page - NXP Semiconductors PCF8564AUG Datasheet HTML 28Page - NXP Semiconductors PCF8564AUG Datasheet HTML 29Page - NXP Semiconductors PCF8564AUG Datasheet HTML 30Page - NXP Semiconductors PCF8564AUG Datasheet HTML 31Page - NXP Semiconductors PCF8564AUG Datasheet HTML 32Page - NXP Semiconductors PCF8564AUG Datasheet HTML 33Page - NXP Semiconductors PCF8564AUG Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
PCF8564A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 26 August 2013
30 of 48
NXP Semiconductors
PCF8564A
Real time clock and calendar
Tamb =25 C; timer = 1 minute; CLKOUT disabled.
Tamb =25 C; timer = 1 minute; CLKOUT = 32 kHz.
Fig 21. IDD as a function of VDD
Fig 22. IDD as a function of VDD
VDD = 3 V; timer = 1 minute; CLKOUT = 32 kHz.
Tamb =25 C; normalized to VDD =3V.
Fig 23. IDD as a function of temperature
Fig 24. Frequency deviation as a function of VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com