Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564AUG Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8564AUG
Description  Real time clock and calendar
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564AUG Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8564AUG Datasheet HTML 1Page - NXP Semiconductors PCF8564AUG Datasheet HTML 2Page - NXP Semiconductors PCF8564AUG Datasheet HTML 3Page - NXP Semiconductors PCF8564AUG Datasheet HTML 4Page - NXP Semiconductors PCF8564AUG Datasheet HTML 5Page - NXP Semiconductors PCF8564AUG Datasheet HTML 6Page - NXP Semiconductors PCF8564AUG Datasheet HTML 7Page - NXP Semiconductors PCF8564AUG Datasheet HTML 8Page - NXP Semiconductors PCF8564AUG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
PCF8564A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 26 August 2013
5 of 48
NXP Semiconductors
PCF8564A
Real time clock and calendar
8.
Functional description
The PCF8564A contains sixteen 8-bit registers with an auto-incrementing address
register, an on-chip 32.768 kHz oscillator with integrated capacitors, a frequency divider
which provides the source clock for the RTC, a programmable clock output, a timer, a
voltage low detector, and a 400 kHz I2C-bus interface.
All sixteen registers (see Table 5) are designed as addressable 8-bit parallel registers
although not all bits are implemented. The first two registers (memory address 00h and
01h) are used as control and/or status registers. The addresses 02h through 08h are used
as counters for the clock function (seconds up to years counters). Address locations 09h
through 0Ch contain alarm registers which define the conditions for an alarm. Address
0Dh controls the CLKOUT output frequency. 0Eh and 0Fh are the timer control and timer
registers, respectively.
The seconds, minutes, hours, days, months, years, as well as the minute alarm, hour
alarm, and day alarm registers are all coded in BCD format.
8.1 CLKOUT output
A programmable square wave is available at the CLKOUT pin. Frequencies of
32.768 kHz, 1.024 kHz, 32 Hz and 1 Hz can be generated for use as a system clock,
microcontroller clock, input to a charge pump, or for calibration of the oscillator. CLKOUT
is a CMOS push-pull output, and if disabled it becomes logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com