Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564AUG Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCF8564AUG
Description  Real time clock and calendar
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564AUG Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCF8564AUG Datasheet HTML 33Page - NXP Semiconductors PCF8564AUG Datasheet HTML 34Page - NXP Semiconductors PCF8564AUG Datasheet HTML 35Page - NXP Semiconductors PCF8564AUG Datasheet HTML 36Page - NXP Semiconductors PCF8564AUG Datasheet HTML 37Page - NXP Semiconductors PCF8564AUG Datasheet HTML 38Page - NXP Semiconductors PCF8564AUG Datasheet HTML 39Page - NXP Semiconductors PCF8564AUG Datasheet HTML 40Page - NXP Semiconductors PCF8564AUG Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
PCF8564A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 26 August 2013
37 of 48
NXP Semiconductors
PCF8564A
Real time clock and calendar
[1]
Pressure of diamond head: 10 g to 50 g.
Table 34.
Pin location of all PCF8564A types
All x/y coordinates represent the position of the center of each pin with respect to the center (x/y = 0)
of the chip; see Figure 27 and Figure 28.
Symbol
Pad
X (
m)
Y (
m)
Description
OSCI
1
523.0
689.4
oscillator input
OSCO
2
523.0
469.4
oscillator output
INT
3
523.0
429.8
open-drain interrupt output (active LOW)
VSS
4
523.0
684.4
ground (substrate)
SDA
5
524.9
523.8
serial data I/O
SCL
6
524.9
138.6
serial clock input
CLKOUT
7
524.9
162.5
CMOS push-pull clock output
VDD
8
524.9
443.3
supply
CLKOE
9
524.9
716.3
CLKOUT output enable
Fig 29. Alignment marks of all PCF8564A types
Table 35.
Alignment marks of all PCF8564A types
All x/y coordinates represent the position of the REF point (see Figure 29) with respect to the center
(x/y = 0) of the chip; see Figure 27 and Figure 28.
Alignment markers
Size (
m)
X (
m)
Y (
m)
C1
100
 100
465.2
826.3
C2
100
 100
523.0
890.0
F90
 117
569.9
885.5
Table 36.
Gold bump hardness
Type number
Min
Max
Unit[1]
PCF8564AUG/12HB/1
35
80
HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com