Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564AU/10AB/1 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCF8564AU/10AB/1
Description  Real time clock and calendar
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564AU/10AB/1 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCF8564AU/10AB/1 Datasheet HTML 36Page - NXP Semiconductors PCF8564AU/10AB/1 Datasheet HTML 37Page - NXP Semiconductors PCF8564AU/10AB/1 Datasheet HTML 38Page - NXP Semiconductors PCF8564AU/10AB/1 Datasheet HTML 39Page - NXP Semiconductors PCF8564AU/10AB/1 Datasheet HTML 40Page - NXP Semiconductors PCF8564AU/10AB/1 Datasheet HTML 41Page - NXP Semiconductors PCF8564AU/10AB/1 Datasheet HTML 42Page - NXP Semiconductors PCF8564AU/10AB/1 Datasheet HTML 43Page - NXP Semiconductors PCF8564AU/10AB/1 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
PCF8564A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 26 August 2013
40 of 48
NXP Semiconductors
PCF8564A
Real time clock and calendar
Table 37.
PCF8564A wafer information
Type number
Wafer thickness
Wafer diameter
FFC for wafer size
Marking of bad die
PCF8564AU/5BB/1
0.28 mm
6 inch
-
inking
PCF8564AU/5GB/1
0.69 mm
6 inch
-
inking
PCF8564AU/5GC/1
0.69 mm
6 inch
-
wafer mapping
PCF8564AU/10AB/1
0.20 mm
6 inch
6 inch
inking
PCF8564AUG/12HB/1
0.15 mm
6 inch
8 inch
inking
Fig 31. Film Frame Carrier (FFC) for 6 inch wafer (PCF8564AU/10AB/1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com