Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564AU/10AB/1 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF8564AU/10AB/1
Description  Real time clock and calendar
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564AU/10AB/1 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF8564AU/10AB/1 Datasheet HTML 8Page - NXP Semiconductors PCF8564AU/10AB/1 Datasheet HTML 9Page - NXP Semiconductors PCF8564AU/10AB/1 Datasheet HTML 10Page - NXP Semiconductors PCF8564AU/10AB/1 Datasheet HTML 11Page - NXP Semiconductors PCF8564AU/10AB/1 Datasheet HTML 12Page - NXP Semiconductors PCF8564AU/10AB/1 Datasheet HTML 13Page - NXP Semiconductors PCF8564AU/10AB/1 Datasheet HTML 14Page - NXP Semiconductors PCF8564AU/10AB/1 Datasheet HTML 15Page - NXP Semiconductors PCF8564AU/10AB/1 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
PCF8564A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 26 August 2013
12 of 48
NXP Semiconductors
PCF8564A
Real time clock and calendar
8.4.7 Register Years
[1]
When the register Years overflows from 99 to 00, the century bit C in the register Months is toggled.
The PCF8564A compensates for leap years by adding a 29th day to February if the year
counter contains a value which is divisible by 4, including the year 00.
8.5 Setting and reading the time
Figure 5 shows the data flow and data dependencies starting from the 1 Hz clock tick.
During read/write operations, the time counting circuits (memory locations 02h through
08h) are blocked.
This prevents
Faulty writing or reading of the clock and calendar during a carry condition
Incrementing the time registers, during the read cycle
After this read/write access is completed, the time circuit is released again and any
pending request to increment the time counters, that occurred during the read access, is
serviced. A maximum of 1 request can be stored; therefore, all accesses must be
completed within 1 second (see Figure 6).
Table 18.
Years - years register (08h) bit description
Bit
Symbol
Value
Place value Description
7 to 4 YEARS
0 to 9
ten’s place
actual year coded in BCD format[1]
3to0
0to9
unit place
Fig 5.
Data flow for the time function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com