Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564AU/10AB/1 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF8564AU/10AB/1
Description  Real time clock and calendar
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564AU/10AB/1 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF8564AU/10AB/1 Datasheet HTML 4Page - NXP Semiconductors PCF8564AU/10AB/1 Datasheet HTML 5Page - NXP Semiconductors PCF8564AU/10AB/1 Datasheet HTML 6Page - NXP Semiconductors PCF8564AU/10AB/1 Datasheet HTML 7Page - NXP Semiconductors PCF8564AU/10AB/1 Datasheet HTML 8Page - NXP Semiconductors PCF8564AU/10AB/1 Datasheet HTML 9Page - NXP Semiconductors PCF8564AU/10AB/1 Datasheet HTML 10Page - NXP Semiconductors PCF8564AU/10AB/1 Datasheet HTML 11Page - NXP Semiconductors PCF8564AU/10AB/1 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
PCF8564A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 26 August 2013
8 of 48
NXP Semiconductors
PCF8564A
Real time clock and calendar
8.3.2.1
Interrupt output
Bits TF and AF: When an alarm occurs, AF is set to 1. Similarly, at the end of a timer
countdown, TF is set to 1. These bits maintain their value until overwritten by command. If
both timer and alarm interrupts are required in the application, the source of the interrupt
can be determined by reading these bits. To prevent one flag being overwritten while
clearing another, a logic AND is performed during a write access.
Bits TIE and AIE: These bits activate or deactivate the generation of an interrupt when
TF or AF is asserted respectively. The interrupt is the logical OR of these two conditions
when both AIE and TIE are set.
Countdown timer interrupts: The pulse generator for the countdown timer interrupt uses
an internal clock and is dependent on the selected source clock for the countdown timer
and on the countdown value TV. As a consequence, the width of the interrupt pulse varies
(see Table 8).
[1]
TF and INT become active simultaneously.
[2]
TV = loaded countdown value. Timer is stopped when TV = 0.
When bits TIE and AIE are disabled, pin INT will remain high-impedance.
Fig 3.
Interrupt scheme
Table 8.
INT operation (bit TI_TP = 1)[1]
Source clock (Hz)
INT period (s)
TV = 1[2]
TV > 1
4096
18192
14096
64
1128
164
1
164
164
160
164
164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com