Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA03CC0FP-E2 Datasheet(PDF) 12 Page - Rohm

Part # BA03CC0FP-E2
Description  2A/1A Fixed Output LDO Regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA03CC0FP-E2 Datasheet(HTML) 12 Page - Rohm

Back Button BA03CC0FP-E2 Datasheet HTML 8Page - Rohm BA03CC0FP-E2 Datasheet HTML 9Page - Rohm BA03CC0FP-E2 Datasheet HTML 10Page - Rohm BA03CC0FP-E2 Datasheet HTML 11Page - Rohm BA03CC0FP-E2 Datasheet HTML 12Page - Rohm BA03CC0FP-E2 Datasheet HTML 13Page - Rohm BA03CC0FP-E2 Datasheet HTML 14Page - Rohm BA03CC0FP-E2 Datasheet HTML 15Page - Rohm BA03CC0FP-E2 Datasheet HTML 16Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Datasheet
12/20
BAxxDD0xx
BAxxCC0xx
TSZ02201-0R6R0A600130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
25.July.2013 Rev.002
www.rohm.com
●Typical Performance Curves - continued
Fig.24
CTL Voltage vs. Output Voltage
Fig.25
Overvoltage Operating
(lo=200mA)
Fig.26
Thermal Shutdown
Circuit Characteristics
Fig.23
CTL Voltage vs. CTL Current
[BA50DD0WT]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com