Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA03CC0FP-E2 Datasheet(PDF) 14 Page - Rohm

Part # BA03CC0FP-E2
Description  2A/1A Fixed Output LDO Regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA03CC0FP-E2 Datasheet(HTML) 14 Page - Rohm

Back Button BA03CC0FP-E2 Datasheet HTML 10Page - Rohm BA03CC0FP-E2 Datasheet HTML 11Page - Rohm BA03CC0FP-E2 Datasheet HTML 12Page - Rohm BA03CC0FP-E2 Datasheet HTML 13Page - Rohm BA03CC0FP-E2 Datasheet HTML 14Page - Rohm BA03CC0FP-E2 Datasheet HTML 15Page - Rohm BA03CC0FP-E2 Datasheet HTML 16Page - Rohm BA03CC0FP-E2 Datasheet HTML 17Page - Rohm BA03CC0FP-E2 Datasheet HTML 18Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Datasheet
14/20
BAxxDD0xx
BAxxCC0xx
TSZ02201-0R6R0A600130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
25.July.2013 Rev.002
www.rohm.com
When using at temperatures over Ta=25℃, please refer to the heat reducing characteristics shown in Fig.29 through 31.
The IC characteristics are closely related to the temperature at which the IC is used and if the temperature exceeds the
maximum junction temperature TjMAX., the elements may be damaged or destroyed. From the standpoints of instantaneous
destruction and long-term operating reliability, it is necessary give sufficient consideration to IC heat. In order to protect the
IC from thermal damage, it is necessary to operate it at temperatures lower than the maximum junction temperature TjMAX
of the IC.
Fig.30 shows the acceptable loss and heat reducing characteristics of the TO220FP package The portion shown by the
diagonal line is the acceptable loss range that can be used with the IC alone. Even when the ambient temperature Ta is a
normal temperature (25℃), the chip (junction) temperature Tj may be quite high so please operate the IC at temperatures
less than the acceptable loss Pd.
The method of calculating the power consumption Pc (W) is as follows.
Pc = (Vcc-Vo) × Io
+ Vcc × Icca
Acceptable loss Pd≦Pc
Solving this for load current IO in order to operate within the acceptable loss:
Io≦
(Please refer to Fig.10 and 22 for Icca.)
It is then possible to find the maximum load current IoMAX with respect to the applied voltage Vcc at the time of thermal design.
・Calculation Example
Example 1) When Ta=85℃, Vcc=8.3V, Vo=3.3V, BA33DD0WT
Io≦
With the IC alone : θja=62.5℃/W → -16mW/℃
Io≦200mA (Icca : 2mA)
25℃=2000mW → 85℃=1040mW
Please refer to the above information and keep thermal designs within the scope of acceptable loss for all operating
temperature ranges.
The power consumption Pc of the IC when there is a short circuit (short between Vo and GND) is:
Pc=Vcc×(Icca+Ishort)
*Ishort: Short circuit current
●Peripheral Circuit Considerations
・Vcc Terminal
Please attach a capacitor (greater than 0.33µF) between the Vcc and GND.
The capacitance values will differ depending on the application, so please take this into account when configuring the terminal.
・GND Terminal
Please be sure to keep the set ground and IC ground at the same potential level so that a potential difference does not
arise between them.
If a potential difference arises between the set ground and the IC ground, the preset voltage will not be outputted,
causing the system to become unstable. Therefore, please reduce the impedance by making the ground patterns as wide
as possible and by reducing the distance between the set ground and the IC ground as much as possible.
・CTL Terminal
The CTL terminal is turned ON at 2.0V and higher and OFF at 0.8V and lower within the operating power supply voltage range.
CC0xx series, the power supply and the CTL terminal in any order without problems.
●Vo Terminal
Fig.32 Output Equivalent Circuit
Fig.33 ESR-Io Characteristics
Fig.34 ESR vs. Io Characteristics
(BAxxCC0)
(BAxxDD0)
Please attach an anti-oscillation capacitor between Vo and GND. The capacitance of the capacitor may significantly change
due to factors such as temperature changes, making it impossible to completely stop oscillations. Please use a tantalum
capacitor or aluminum electrolysis capacitor with favorable characteristics and small internal series resistance (ESR) even
at low temperatures. The output fluctuates regardless of whether the ESR is large or small. Please use the IC within the
stable operating region while referring to the ESR characteristics reference data shown in Fig.32 through 34. In applications
where there are sudden load fluctuations, the use of a capacitor with large capacitance is recommended.
Pd – Vcc×Icca
Vcc-Vo
Vcc:
Vo:
Io:
Vcca:
Input voltage
Output voltage
Load current
Circuit current
1.04-8.3×Icca
5
OUTPUT
CURRENT:lo(mA)
10000
1
0.1
1
10
1
Unstable operating region
Unstable operating region
Stable operating region
10
100
1000
100
200
400
800
1000
0.1
1
10
Stable operating region
0
600
Unstable operating region
Unstable operating region
OUTPUT
CURRENT:lo(mA)
100
OUT
22
μF
IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com