Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA03CC0FP-E2 Datasheet(PDF) 6 Page - Rohm

Part # BA03CC0FP-E2
Description  2A/1A Fixed Output LDO Regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA03CC0FP-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BA03CC0FP-E2 Datasheet HTML 2Page - Rohm BA03CC0FP-E2 Datasheet HTML 3Page - Rohm BA03CC0FP-E2 Datasheet HTML 4Page - Rohm BA03CC0FP-E2 Datasheet HTML 5Page - Rohm BA03CC0FP-E2 Datasheet HTML 6Page - Rohm BA03CC0FP-E2 Datasheet HTML 7Page - Rohm BA03CC0FP-E2 Datasheet HTML 8Page - Rohm BA03CC0FP-E2 Datasheet HTML 9Page - Rohm BA03CC0FP-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Datasheet
6/20
BAxxDD0xx
BAxxCC0xx
TSZ02201-0R6R0A600130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
25.July.2013 Rev.002
www.rohm.com
●Electrical Characteristics
BAxxCC0 Series (Unless otherwise specified, Ta=25℃, VCTL=5V, Io=500mA Setting
*5)
Parameter
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
Output Voltage
*6
Vo
Vo(T)×
0.98
Vo(T)
Vo(T)×
1.02
V
Shut Down Current
Isd
-
0
10
μA
VCTL=0V
Bias Current
Ib
-
2.5
5.0
mA
VCTL=2V,
Io=0mA
Dropout Voltage
ΔVd
-
0.3
0.5
V
Vcc=Vo×0.95
Peak Output Current
Io
1.0
-
-
A
Ripple Rejection
R.R.
45
55
-
dB
f=120Hz, ein
*7=1Vrms,
Io=100mA
Line Regulation
Reg.I
-
20
100
mV
Vcc=Vo(T)+1→25V
Load Regulation
Reg.L
-
50
150
mV
Io=5mA→1A
Temperature Coefficient of
Output Voltage
*8
Tcvo
-
±0.02
-
%/℃ Io=5mA,Tj=0 to 125℃
Output Short Current
Ios
-
0.40
-
A
Vcc=25V
ON Mode Voltage
VthH
2.0
-
-
V
ACTIVE MODE, Io=0mA
OFF Mode Voltage
VthL
-
-
0.8
V
OFF MODE, Io=0mA
Input High Current
ICTL
100
200
300
μA
VCTL=5V, Io=0mA
BAxxDD0 series (Unless otherwise specified, Ta=25℃, VCTL=3V, Vcc=VCCT
*9)
Parameter
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
Shut Down Current
Isd
-
0
10
μA
VCTL=0V, Io=0mA
Bias Current
Ib
-
0.9
2.0
mA
Io=0mA
Output Voltage
*10
Vo
Votyp×
0.99
Votyp
Votyp×
1.01
V
Io=200mA
Dropout Voltage 1
*11
ΔVd1
-
0.3
0.5
V
Vcc=0.95×Vo, Io=1A
Dropout Voltage 2
*11
ΔVd2
-
0.45
0.7
V
Vcc=0.95×Vo, Io=2A
Peak Output Current
Io
2.0
-
-
A
Ripple Rejection
R.R.
-
55
-
dB
f=120Hz, ein
*7
=-20dBV,
Io=100mA
Line Regulation
Reg.I
-
15
50
mV
Vcc=VCCT
*9
V→25V, Io=200mA
Load Regulation
Reg.L
-
50
200
mV
Io=0mA→2A
Temperature Coefficient of
Output Voltage
*8
Tcvo
-
±0.02
-
%/℃
Io=5mA, Tj=0 to 125℃
CTL ON Mode Voltage
Von
2.0
-
Vcc
V
ACTIVE MODE, Io=0mA
CTL OFF Mode Voltage
Voff
-
-
0.8
V
OFF MODE, Io=0mA
CTL Input Current
ICTL
-
60
120
μA
VCTL=3V, Io=0mA
*5 Vo=3.3V:Vcc=8.3V, Vo=5V:Vcc=10V, Vo=6V:Vcc=11V
, Vo=7V:Vcc=12V, Vo=8V:Vcc=13V, Vo=9V:Vcc=14V, Vo=12V:Vcc=17V
*6 Vo(T)=3.3, 5.0, 6.0, 7.0, 8.0, 9.0,12V
*7 ein : Input Voltage Ripple
*8 Not 100% tested
*9 Vo=1.5V,1.8V,2.5V,3.0V:VCCT =4.0V、Vo=3.3V,5.0V:VCCT =7.0V、Vo=9V:VCCT =12.0V、Vo=12V:VCCT =14.0V、Vo=16V:VCCT =18.0V)
*10 Votyp=1.5V,1.8V,2.5V,3.0V,3.3V,5.0V,9.0V,12.0V,16.0V
*11 Vo≧3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com