Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1289CCSW Datasheet(PDF) 23 Page - Linear Technology

Part # LTC1289CCSW
Description  3 Volt Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1289CCSW Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC1289CCSW Datasheet HTML 19Page - Linear Technology LTC1289CCSW Datasheet HTML 20Page - Linear Technology LTC1289CCSW Datasheet HTML 21Page - Linear Technology LTC1289CCSW Datasheet HTML 22Page - Linear Technology LTC1289CCSW Datasheet HTML 23Page - Linear Technology LTC1289CCSW Datasheet HTML 24Page - Linear Technology LTC1289CCSW Datasheet HTML 25Page - Linear Technology LTC1289CCSW Datasheet HTML 26Page - Linear Technology LTC1289CCSW Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23
LTC1289
1289fb
A “Quick Look” Circuit for the LTC1289
Users can get a quick look at the function and timing of the
LTC1289 by using the following simple circuit. REF+ and
DIN are tied to VCC selecting a 3V input span, CH7 as a
single-ended input, unipolar mode, MSB-first format and
16-bit word length. ACLK is driven by an external clock and
SCLK is driven by one half the clock rate. CS is driven at
1/128 the clock rate by the 74HC393 and DOUT outputs the
data. All other pins are tied to a ground plane. The output
data from the DOUT pin can be viewed on an oscilloscope
which is set up to trigger on the falling edge of CS.
A “Quick Look” Circuit for the LTC1289
Scope Trace of LTC1289 “Quick Look” Circuit
Showing A/D Output of 010101010101 (555HEX)
S
APPLICATI
TYPICAL
LTC1289 TA02
LTC1289
0.1
µF
22
µF
f
CHO
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGND
VIN
TO
OSCILLOSCOPE
74HC393
A1
CLR1
1QA
1QB
1QC
1QD
GND
VCC
A2
CLR2
2QA
2QB
2QC
2QD
CLOCK IN
2MHz MAX
3.0V
f/2
f/128
VCC
ACLK
SCLK
DIN
DOUT
CS
REF+
REF–
V–
AGND
ACLK
SCLK
CS
D
OUT
MSB
(B11)
DEGLITCHER
TIME
LSB
(B0)
FILLS
ZEROES
VERTICAL: 5V/DIV
HORIZONTAL: 2
µs/DIV
SNEAK-A-BIT
TM
The LTC1289’s unique ability to software select the polar-
ity of the differential inputs and the output word length is
used to achieve one more bit of resolution. Using the
circuit below with two conversions and some software, a
2’s complement 12-bit + sign word is returned to memory
inside the MPU. The MC68HC05C4 was chosen as an
example, however, any processor that operates at 3.3V
could be used.
Two 12-bit unipolar conversions are performed: the first
over a 0V to 2.5V span and the second over a 0V to –2.5V
span (by reversing the polarity of the inputs). The sign of
the input is determined by which of the two spans con-
tained it. Then the resulting number (ranging from –4095
to +4095 decimal) is converted to 2’s complement nota-
tion and stored in RAM.
2.5V
1ST CONVERSION
(+) CH6
(–) CH7
0V
0V
1ST CONVERSION
4096 STEPS
2ND CONVERSION
4096 STEPS
–2.5V
2ND CONVERSION
(–) CH6
(+) CH7
0V
VIN
VIN
2.5V
–2.5V
SOFTWARE
8191 STEPS
LTC1289 TA04
SNEAK-A-BIT
SNEAK-A-BIT is a trademark of Linear Technology Corp.
SNEAK-A-BIT Circuit
LTC1289 TA03
10
µF
22
µF
LT1019
–2.5
MC68HC05C4
SCLK
MOSI
MISO
CO
1k
–3.3V
0.1
µF
2MHz
ACLK
+3.3V
OTHER CHANNELS
OR SNEAK-A-BIT
INPUTS
VIN
–2.5V TO +2.5V
LTC1289
CHO
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGND
VCC
ACLK
SCLK
DIN
DOUT
CS
REF+
REF–
V–
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com