Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1289CCSW Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1289CCSW
Description  3 Volt Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1289CCSW Datasheet(HTML) 4 Page - Linear Technology

  LTC1289CCSW Datasheet HTML 1Page - Linear Technology LTC1289CCSW Datasheet HTML 2Page - Linear Technology LTC1289CCSW Datasheet HTML 3Page - Linear Technology LTC1289CCSW Datasheet HTML 4Page - Linear Technology LTC1289CCSW Datasheet HTML 5Page - Linear Technology LTC1289CCSW Datasheet HTML 6Page - Linear Technology LTC1289CCSW Datasheet HTML 7Page - Linear Technology LTC1289CCSW Datasheet HTML 8Page - Linear Technology LTC1289CCSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LTC1289
1289fb
LTC1289B
LTC1289C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VCC = 3.6V
●
2.1
V
VIL
Low Level Input Voltage
VCC = 3.0V
●
0.45
V
IIH
High Level Input Current
VIN = VCC
●
2.5
µA
IIL
Low Level Input Current
VIN = 0V
●
– 2.5
µA
VOH
High Level Output Voltage
VCC = 3.0V
V
IO = 20
µA
●
2.90
IO = 400
µA
2.7
2.85
VOL
Low Level Output Voltage
VCC = 3.0V
V
IO = 20
µA
●
0.05
IO = 400
µA
0.10
0.3
IOZ
High Z Output Leakage
VOUT = VCC, CS High
●
3
µA
VOUT = 0V, CS High
●
–3
µA
ISOURCE
Output Source Current
VOUT = 0V
–10
mA
ISINK
Output Sink Current
VOUT = VCC
9mA
ICC
Positive Supply Current
CS High
●
1.5
5
mA
CS High, Power Shutdown, ACLK Off
●
1.0
10
µA
IREF
Reference Current
VREF = 2.5V
●
10
50
µA
I–
Negative Supply Current
CS High
●
150
µA
ELECTRICAL C
C
HARA TER STICS
DIGITAL A D
I
DC
Note 7: Two on-chip diodes are tied to each analog input which will
conduct for analog voltages one diode drop below GND or one diode drop
above VCC. Be careful during testing at low VCC levels, as high level analog
inputs can cause this input diode to conduct, especially at elevated
temperature, and cause errors for inputs near full scale. This spec allows
50mV forward bias of either diode. This means that as long as the analog
input does not exceed the supply voltage by more than 50mV, the output
code will be correct.
Note 8: Channel leakage current is measured after the channel selection.
Note 9: To minimize errors caused by noise at the chip select input, the
internal circuitry waits for two ACLK falling edges after a chip select falling
edge is detected before responding to control input signals. Therefore, no
attempt should be made to clock an address in or data out until the
minimum chip select set-up time has elasped. See Typical Peformance
Characteristics curves for additional information (tsuCS vs VCC).
Note 10: Increased leakage currents at elevated temperatures cause the
S/H to droop, therefore it's recommended that fACLK ≥ 125kHz at 85°C and
fACLK ≥ 15kHz at 25°C.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to ground with DGND, AGND
and REF –wired together (unless otherwise noted).
Note 3: VCC = 3V, VREF+ = 2.5V, VREF– = 0V, V – = 0V for unipolar mode
and – 3V for bipolar mode, ACLK = 2.0MHz unless otherwise specified.
Note 4: These specs apply for both unipolar and bipolar modes. In bipolar
mode, one LSB is equal to the bipolar input span (2VREF) divided by 4096.
For example, when VREF = 2.5V, 1LSB(bipolar) = 2(2.5)/4096 = 1.22mV.
V – = – 2.7V for bipolar mode.
Note 5: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 6: Recommended operating conditions.
The
● denotes the specifications which
apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com