Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1289CCSW Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1289CCSW
Description  3 Volt Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1289CCSW Datasheet(HTML) 3 Page - Linear Technology

  LTC1289CCSW Datasheet HTML 1Page - Linear Technology LTC1289CCSW Datasheet HTML 2Page - Linear Technology LTC1289CCSW Datasheet HTML 3Page - Linear Technology LTC1289CCSW Datasheet HTML 4Page - Linear Technology LTC1289CCSW Datasheet HTML 5Page - Linear Technology LTC1289CCSW Datasheet HTML 6Page - Linear Technology LTC1289CCSW Datasheet HTML 7Page - Linear Technology LTC1289CCSW Datasheet HTML 8Page - Linear Technology LTC1289CCSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LTC1289
1289fb
LTC1289B
LTC1289C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSCLK
Shift Clock Frequency
(Note 6)
0
1.0
MHz
fACLK
A/D Clock Frequency
(Note 6)
(Note 10)
2.0
MHz
tACC
Delay time from CS
↓ to DOUT Data Valid
(Note 9)
2
ACLK
Cycles
tSMPL
Analog Input Sample Time
See Operating Sequence
7
SCLK
Cycles
tCONV
Conversion Time
See Operating Sequence
52
ACLK
Cycles
tCYC
Total Cycle Time
See Operating Sequence (Note 6)
12 SCLK +
Cycles
56 ACLK
tdDO
Delay Time, SCLK
↓ to DOUT Data Valid
See Test Circuits
●
200
350
ns
tdis
Delay Time, CS
↑ to DOUT Hi-Z
See Test Circuits
●
70
150
ns
ten
Delay Time, 2nd ACLK
↓ to DOUT Enabled
See Test Circuits
●
130
250
ns
thCS
Hold Time, CS After Last SCLK
↓
(Note 6)
0
ns
thDI
Hold Time, DIN After SCLK
↑
(Note 6)
50
ns
thDO
Time Output Data Remains Valid After SCLK
↓
50
ns
tf
DOUT Fall Time
See Test Circuits
●
40
100
ns
tr
DOUT Rise Time
See Test Circuits
●
40
100
ns
tsuDI
Setup Time, DIN Stable Before SCLK
↑
(Note 6 and 9)
50
ns
tsuCS
Setup Time, CS
↓ Before Clocking in
(Note 6 and 9)
2 ACLK Cycles
First Address Bit
+ 180ns
tWHCS
CS High Time During Conversion
(Note 6)
52
ACLK
Cycles
CIN
Input Capacitance
Analog Inputs On Channel
100
pF
Analog Inputs Off Channel
5
pF
Digital Inputs
5
pF
The
● denotes the specifications
which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)
CO VERTER A D
ULTIPLEXER CHARACTERISTICS
LTC1289B
LTC1289C
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Minimum Resolution for
●
12
12
BITS
Which No Missing Codes are
Guaranteed
Analog and REF Input Range
(Note 7)
(V–) – 0.05V to VCC + 0.05V
(V–) – 0.05V to VCC + 0.05V
V
On Channel Leakage Current
On Channel = 3V
●
±1
±1
µA
(Note 8)
Off Channel = 0V
On Channel = 0V
●
±1
±1
µA
Off Channel = 3V
Off Channel Leakage Current
On Channel = 3V
●
±1
±1
µA
(Note 8)
Off Channel = 0V
On Channel = 0V
●
±1
±1
µA
Off Channel = 3V
AC CHARACTERISTICS The ● denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com