Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3413 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3413
Description  Monolithic Synchronous Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3413 Datasheet(HTML) 1 Page - Linear Technology

  LTC3413 Datasheet HTML 1Page - Linear Technology LTC3413 Datasheet HTML 2Page - Linear Technology LTC3413 Datasheet HTML 3Page - Linear Technology LTC3413 Datasheet HTML 4Page - Linear Technology LTC3413 Datasheet HTML 5Page - Linear Technology LTC3413 Datasheet HTML 6Page - Linear Technology LTC3413 Datasheet HTML 7Page - Linear Technology LTC3413 Datasheet HTML 8Page - Linear Technology LTC3413 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3413
1
3413fc
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
3A, 2MHz Monolithic
Synchronous Regulator for
DDR/QDR Memory Termination
The LTC
®3413 is a high efficiency monolithic synchro-
nous step-down DC/DC converter utilizing a constant
frequency, current mode architecture. It operates from
an input voltage range of 2.25V to 5.5V and provides a
regulated output voltage equal to (0.5)VREF while sourcing
or sinking up to 3A of output current. An internal voltage
divider reduces component count and eliminates the need
for external resistors by dividing the reference voltage in
half. The internal synchronous power switch with 85mΩ
on-resistance increases efficiency and eliminates the need
for an external Schottky diode. Switching frequencies up
to 2MHz are set by an external resistor.
Forced-continuous operation in the LTC3413 reduces
noise and RF interference. Fault protection is provided
by an overcurrent comparator that limits output current
during both sourcing and sinking operations. Adjustable
compensation allows the transient response to be optimized
over a wide range of loads and output capacitors.
Figure 1a. High Efficiency Bus Termination Supply
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 5481178.
n High Efficiency: Up to 90%
n ±3A Output Current
n Symmetrical Source and Sink Output Current Limit
n Low RDS(ON) Internal Switch: 85mΩ
n No Schottky Diode Required
n 2.25V to 5.5V Input Voltage Range
n VOUT = VREF/2
n ±1% Output Voltage Accuracy
n Programmable Switching Frequency: Up to 2MHz
n Power Good Output Voltage Monitor
n Overtemperature Protected
n Available in 16-Lead TSSOP Exposed Pad Package
n Bus Termination: DDR and QDR™ Memory,
SSTL, HSTL, ...
n Notebook Computers
n Distributed Power Systems
PVIN
SVIN
PGOOD
SW
VREF
22μF
4.7M
309k
L1: VISHAY DALE IHLP-2525CZ-01 0.47
COUT: TDK C4532X5R0J107M
VIN
2.5V
COUT
100μF
2
3413 F01a
VOUT
1.25V
±3A
L1
0.47μH
LTC3413
PGND
RUN/SS
SGND
ITH
RT
VFB
330pF
2200pF
5.11k
Figure 1b. Efficiency vs Load Current
LOAD CURRENT (A)
0.01
40
50
60
70
80
0.1
1
10
3413 F01b
30
20
10
0
90
100
VIN = 2.5V
f = 1MHz


Similar Part No. - LTC3413

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3413 LINER-LTC3413 Datasheet
243Kb / 16P
3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
LTC3413 LINER-LTC3413 Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3413 LINER-LTC3413 Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3413 LINER-LTC3413 Datasheet
259Kb / 16P
3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
LTC3413 LINER-LTC3413 Datasheet
481Kb / 20P
짹6A Monolithic Synchronous Step-Down Regulator for DDR Termination
More results

Similar Description - LTC3413

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1627 LINER-LTC1627 Datasheet
324Kb / 16P
Monolithic Synchronous Step-Down Switching Regulator
logo
STMicroelectronics
L6926 STMICROELECTRONICS-L6926_08 Datasheet
260Kb / 16P
High efficiency monolithic synchronous step down regulator
16-Sep-2008
logo
Linear Technology
LTC3601 LINER-LTC3601 Datasheet
330Kb / 24P
1.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603 Datasheet
219Kb / 22P
2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3602EUF LINER-LTC3602EUF Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC1878 LINER-LTC1878_15 Datasheet
239Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412_15 Datasheet
224Kb / 20P
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC1627 LINER-LTC1627_15 Datasheet
239Kb / 16P
Monolithic Synchronous Step-Down Switching Regulator
LTC1875 LINER-LTC1875_15 Datasheet
268Kb / 20P
1.5A Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603_15 Datasheet
283Kb / 22P
2.5A, 15V Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com