Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3413 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3413
Description  Monolithic Synchronous Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3413 Datasheet(HTML) 2 Page - Linear Technology

  LTC3413 Datasheet HTML 1Page - Linear Technology LTC3413 Datasheet HTML 2Page - Linear Technology LTC3413 Datasheet HTML 3Page - Linear Technology LTC3413 Datasheet HTML 4Page - Linear Technology LTC3413 Datasheet HTML 5Page - Linear Technology LTC3413 Datasheet HTML 6Page - Linear Technology LTC3413 Datasheet HTML 7Page - Linear Technology LTC3413 Datasheet HTML 8Page - Linear Technology LTC3413 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3413
2
3413fc
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
SVIN, PVIN Supply Voltages......................... –0.3V to 6V
ITH, RUN/SS, VFB, PGOOD Voltages ............ –0.3V to VIN
VREF Voltage................................................ –0.3V to VIN
SW Voltage ................................... –0.3V to (VIN + 0.3V)
Operating Ambient Temperature Range
(Note 2) ................................................... –40°C to 85°C
Junction Temperature (Notes 5, 8)....................... 125°C
Storage Temperature Range ................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ................ 300°C
(Note 1)
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
SVIN
PGOOD
ITH
VFB
RT
VREF
RUN/SS
SGND
PVIN
SW
SW
PGND
PGND
SW
SW
PVIN
17
TJMAX = 125°C, θJA = 38°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17) MUST BE SOLDERED TO PGND
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3413EFE#PBF
LTC3413EFE#TRPBF
3413EFE
16-Lead Plastic TSSOP
–40°C to 85°C
LTC3413IFE#PBF
LTC3413IFE#TRPBF
3413IFE
16-Lead Plastic TSSOP
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3413EFE
LTC3413EFE#TR
3413EFE
16-Lead Plastic TSSOP
–40°C to 85°C
LTC3413IFE
LTC3413IFE#TR
3413IFE
16-Lead Plastic TSSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
2.25
5.5
V
VFB
Feedback Voltage Accuracy
(Note 3)
l
±1
%
IFB
Voltage Feedback Leakage Current
0.4
μA
IRUN
RUN/SS Leakage Current
1μA
ΔVFB
Feedback Voltage Line Regulation
VIN = 2.7V to 5.5V (Note 3)
l
0.04
0.2
%/V
VLOADREG
Feedback Voltage Load Regulation
Measured in Servo Loop, VITH = 0.36V
Measured in Servo Loop, VITH = 0.84V
l
l
0.02
–0.02
0.2
–0.2
%
%
ΔVPGOOD
Power Good Range
±10
±12
%
RPGOOD
Power Good Pull-Down Resistance
120
200
Ω
IQ
Input DC Bias Current
Active Current
Shutdown
(Note 4)
VFB = 1.5V, VITH = 1.4V, VREF = 2.5V
VRUN = 0V (Note 7)
250
0.02
330
1
μA
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com