Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3413 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3413
Description  Monolithic Synchronous Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3413 Datasheet(HTML) 3 Page - Linear Technology

  LTC3413 Datasheet HTML 1Page - Linear Technology LTC3413 Datasheet HTML 2Page - Linear Technology LTC3413 Datasheet HTML 3Page - Linear Technology LTC3413 Datasheet HTML 4Page - Linear Technology LTC3413 Datasheet HTML 5Page - Linear Technology LTC3413 Datasheet HTML 6Page - Linear Technology LTC3413 Datasheet HTML 7Page - Linear Technology LTC3413 Datasheet HTML 8Page - Linear Technology LTC3413 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3413
3
3413fc
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fOSC
Switching Frequency
Switching Frequency Range
ROSC = 309k
(Note 6)
0.88
0.30
1.00
1.12
2.00
MHz
MHz
RPFET
RDS(ON) of P-Channel FET
ISW = 300mA
85
110
mΩ
RNFET
RDS(ON) of N-Channel FET
ISW = 300mA
65
90
mΩ
ILIMIT
Peak Current Limit
3.8
5.4
A
VUVLO
Undervoltage Lockout Threshold
1.75
2
2.25
V
ILSW
SW Leakage Current
VRUN = 0V, VIN = 5.5V (Note 7)
0.1
1
μA
VRUN
RUN Threshold
0.5
0.65
0.8
V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3413E is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. LTC3413I is guaranteed to meet specified
performance from –40°C to 85°C.
Note 3: The LTC3413 is tested in a feedback loop that adjusts VFB to
achieve a specified error amplifier output voltage (ITH).
Note 4: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current
Efficiency vs Input Voltage
Load Regulation
LOAD CURRENT (A)
0.01
40
50
60
70
80
0.1
1
10
3413 G01
30
20
10
0
90
100
VIN = 2.5V
VOUT = 1.25V
TA = 25°C
VIN = 3.3V
INPUT VOLTAGE (V)
2.5
50
60
70
4.0
5.0
3413 G02
40
30
20
3.0
3.5
4.5
80
90
100
5.5
LOAD = 1A
LOAD = 3A
LOAD = 100mA
VOUT = 1.25V
TA = 25°C
LOAD CURRENT (A)
0
–0.30
–0.25
–0.20
–0.15
–0.10
0
0.5
1.0
1.5
2.0
3413 G03
2.5
3.0
–0.05
TA = 25°C
Note 5: TJ is calculated from the ambient temperature TA and power
dissipation PD as follows: LTC3413E: TJ = TA + (PD • 38°C/W)
Note 6: 2MHz operation is guaranteed by design and not production tested.
Note 7: Shutdown current and SW leakage current are only tested during
wafer sort.
Note 8: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com