Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1290CCSW Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1290CCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1290CCSW Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1290CCSW Datasheet HTML 17Page - Linear Technology LTC1290CCSW Datasheet HTML 18Page - Linear Technology LTC1290CCSW Datasheet HTML 19Page - Linear Technology LTC1290CCSW Datasheet HTML 20Page - Linear Technology LTC1290CCSW Datasheet HTML 21Page - Linear Technology LTC1290CCSW Datasheet HTML 22Page - Linear Technology LTC1290CCSW Datasheet HTML 23Page - Linear Technology LTC1290CCSW Datasheet HTML 24Page - Linear Technology LTC1290CCSW Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
LTC1290
1290fe
S
APPLICATI
I FOR ATIO
maximum clock rates (ACLK = 4MHz and SCLK = 2MHz).
Figures 11 and 12 show examples of adequate and poor
op amp settling.
HORIZONTAL: 500ns/DIV
Figure 11. Adequate Settling of Op Amps Driving Analog Input
HORIZONTAL: 20
µs/DIV
Figure 12. Poor Op Amp Settling Can Cause A/D Errors
RC Input Filtering
It is possible to filter the inputs with an RC network as shown
in Figure 13. For large values of CF (e.g., 1µF), the capacitive
input switching currents are averaged into a net DC current.
Therefore, a filter should be chosen with a small resistor and
large capacitor to prevent DC drops across the resistor. The
magnitude of the DC current is approximately IDC =
(100pF)(VIN/tCYC) and is roughly proportional to VIN. When
running at the minimum cycle time of 20
µs, the input
current equals 25
µA at VIN = 5V. In this case, a filter resistor
of 5
Ω will cause 0.1LSB of full-scale error. If a larger filter
resistor must be used, errors can be eliminated by increas-
ing the cycle time as shown in the typical curve of Maximum
Filter Resistor vs Cycle Time.
Figure 13. RC Input Filtering
RFILTER
VIN
CFILTER
LTC1290 F13
LTC1290
"+"
"–"
IDC
Input Leakage Current
Input leakage currents can also create errors if the source
resistance gets too large. For instance, the maximum input
leakage specification of 1
µA (at 125°C) flowing through a
source resistance of 1k
Ω will cause a voltage drop of 1mV
or 0.8LSB. This error will be much reduced at lower
temperatures because leakage drops rapidly (see the
typical curve of Input Channel Leakage Current vs Tem-
perature).
Noise Coupling Into Inputs
High source resistance input signals (>500
Ω) are more
sensitive to coupling from external sources. It is prefer-
able to use channels near the center of the package (i.e.,
CH2 to CH7) for signals which have the highest output
resistance because they are essentially shielded by the
pins on the package ends (DGND and CH0). Grounding
any unused inputs (especially the end pin, CH0) will also
reduce outside coupling into high source resistances.
4. Sample-and-Hold
Single-Ended Inputs
The LTC1290 provides a built-in sample-and-hold (S&H)
function for all signals acquired in the single-ended mode
(COM pin grounded). This sample-and-hold allows the
LTC1290 to convert rapidly varying signals (see the typical
curve of S&H Acquisition Time vs Source Resistance). The
input voltage is sampled during the tSMPL time as shown in
Figure 10. The sampling interval begins after the fourth MUX
address bit is shifted in and continues during the remainder
of the data transfer. On the falling edge of the final SCLK, the
S&H goes into hold mode and the conversion begins. The
voltage will be held on either the 8th, 12th or 16th falling edge
of the SCLK depending on the word length selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com