Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1290CCSW Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1290CCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1290CCSW Datasheet(HTML) 4 Page - Linear Technology

  LTC1290CCSW Datasheet HTML 1Page - Linear Technology LTC1290CCSW Datasheet HTML 2Page - Linear Technology LTC1290CCSW Datasheet HTML 3Page - Linear Technology LTC1290CCSW Datasheet HTML 4Page - Linear Technology LTC1290CCSW Datasheet HTML 5Page - Linear Technology LTC1290CCSW Datasheet HTML 6Page - Linear Technology LTC1290CCSW Datasheet HTML 7Page - Linear Technology LTC1290CCSW Datasheet HTML 8Page - Linear Technology LTC1290CCSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
LTC1290
1290fe
AC CHARACTERISTICS The ● denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 3)
LTC1290B/LTC1290C/LTC1290D
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSCLK
Shift Clock Frequency
VCC = 5V (Note 6)
0
2.0
MHz
fACLK
A/D Clock Frequency
VCC = 5V (Note 6)
(Note 10)
4.0
MHz
tACC
Delay Time from CS
↓ to DOUT Data Valid
(Note 9)
2
ACLK
Cycles
tSMPL
Analog Input Sample Time
See Operating Sequence
7
SCLK
Cycles
tCONV
Conversion Time
See Operating Sequence
52
ACLK
Cycles
tCYC
Total Cycle Time
See Operating Sequence (Note 6)
12 SCLK +
Cycles
56 ACLK
tdDO
Delay Time, SCLK
↓ to DOUT Data Valid
See Test Circuits LTC1290BC, LTC1290CC
●
130
220
ns
LTC1290DC, LTC1290BI
LTC1290CI, LTC1290DI
LTC1290BM, LTC1290CM
●
180
270
ns
LTC1290DM
(OBSOLETE)
tdis
Delay Time, CS
↑ to DOUT Hi-Z
See Test Circuits
●
70
100
ns
ten
Delay Time, 2nd ACLK
↓ to DOUT Enabled
See Test Circuits
●
130
200
ns
thCS
Hold Time, CS After Last SCLK
↓
VCC = 5V (Note 6)
0
ns
thDI
Hold Time, DIN After SCLK
↑
VCC = 5V (Note 6)
50
ns
thDO
Time Output Data Remains Valid After SCLK
↓
50
ns
tf
DOUT Fall Time
See Test Circuits
●
65
130
ns
tr
DOUT Rise Time
See Test Circuits
●
25
50
ns
tsuDI
Setup Time, DIN Stable Before SCLK
↑
VCC = 5V (Note 6)
50
ns
tsuCS
Setup Time, CS
↓ Before Clocking in
(Notes 6, 9)
2 ACLK Cycles
First Address Bit
+ 100ns
tWHCS
CS High Time During Conversion
VCC = 5V (Note 6)
52
ACLK
Cycles
CIN
Input Capacitance
Analog Inputs On Channel
100
pF
Analog Inputs Off Channel
5
pF
Digital Inputs
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com