Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1290CCSW Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1290CCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1290CCSW Datasheet(HTML) 5 Page - Linear Technology

  LTC1290CCSW Datasheet HTML 1Page - Linear Technology LTC1290CCSW Datasheet HTML 2Page - Linear Technology LTC1290CCSW Datasheet HTML 3Page - Linear Technology LTC1290CCSW Datasheet HTML 4Page - Linear Technology LTC1290CCSW Datasheet HTML 5Page - Linear Technology LTC1290CCSW Datasheet HTML 6Page - Linear Technology LTC1290CCSW Datasheet HTML 7Page - Linear Technology LTC1290CCSW Datasheet HTML 8Page - Linear Technology LTC1290CCSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
LTC1290
1290fe
LTC1290B/LTC1290C/LTC1290D
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VCC = 5.25V
●
2.0
V
VIL
Low Level Input Voltage
VCC = 4.75V
●
0.8
V
IIH
High Level Input Current
VIN = VCC
●
2.5
µA
IIL
Low Level Input Current
VIN = 0V
●
– 2.5
µA
VOH
High Level Output Voltage
VCC = 4.75V
IO = 10
µA
4.7
V
IO = 360
µA
●
2.4
4.0
V
VOL
Low Level Output Voltage
VCC = 4.75V
IO = 1.6mA
●
0.4
V
IOZ
High-Z Output Leakage
VOUT = VCC, CS High
●
3
µA
VOUT = 0V, CS High
●
–3
µA
ISOURCE
Output Source Current
VOUT = 0V
–20
mA
ISINK
Output Sink Current
VOUT = VCC
20
mA
ICC
Positive Supply Current
CS High
●
612
mA
CS High
LTC1290BC, LTC1290CC
●
510
µA
Power Shutdown LTC1290DC, LTC1290BI
ACLK Off
LTC1290CI, LTC1290DI
LTC1290BM, LTC1290CM
●
515
µA
LTC1290DM
(OBSOLETE)
IREF
Reference Current
VREF = 5V
●
10
50
µA
I–
Negative Supply Current
CS High
●
150
µA
VCC levels (4.5V), as high level reference or analog inputs (5V) can cause
this input diode to conduct, especially at elevated temperatures and cause
errors for inputs near full scale. This spec allows 50mV forward bias of
either diode. This means that as long as the reference or analog input does
not exceed the supply voltage by more than 50mV, the output code will be
correct. To achieve an absolute 0V to 5V input voltage range will therefore
require a minimum supply voltage of 4.950V over initial tolerance,
temperature variations and loading.
Note 8: Channel leakage current is measured after the channel selection.
Note 9: To minimize errors caused by noise at the chip select input, the
internal circuitry waits for two ACLK falling edge after a chip select falling
edge is detected before responding to control input signals. Therefore, no
attempt should be made to clock an address in or data out until the
minimum chip select setup time has elapsed.
Note 10: Increased leakage currents at elevated temperatures cause the
S/H to droop, therefore it's recommended that fACLK ≥ 125kHz at 85°C and
fACLK ≥ 15kHz at 25°C.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to ground with DGND, AGND
and REF
– wired together (unless otherwise noted).
Note 3: VCC = 5V, VREF+ = 5V, VREF – = 0V, V– = 0V for unipolar mode and
– 5V for bipolar mode, ACLK = 4.0MHz unless otherwise specified.
Note 4: These specs apply for both unipolar and bipolar modes. In bipolar
mode, one LSB is equal to the bipolar input span (2VREF) divided by 4096.
For example, when VREF = 5V, 1LSB (bipolar) = 2(5V)/4096 = 2.44mV.
Note 5: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 6: Recommended operating conditions.
Note 7: Two on-chip diodes are tied to each reference and analog input
which will conduct for reference or analog input voltages one diode drop
below V – or one diode drop above VCC. Be careful during testing at low
ELECTRICAL C
C
HARA TER STICS
DIGITAL A D
I
DC
The
● denotes the specifications which
apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com