Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS432CMP Datasheet(PDF) 9 Page - Orister Corporation

Part # RS432CMP
Description  Adjustable Precision Shunt Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS432CMP Datasheet(HTML) 9 Page - Orister Corporation

Back Button RS432CMP Datasheet HTML 2Page - Orister Corporation RS432CMP Datasheet HTML 3Page - Orister Corporation RS432CMP Datasheet HTML 4Page - Orister Corporation RS432CMP Datasheet HTML 5Page - Orister Corporation RS432CMP Datasheet HTML 6Page - Orister Corporation RS432CMP Datasheet HTML 7Page - Orister Corporation RS432CMP Datasheet HTML 8Page - Orister Corporation RS432CMP Datasheet HTML 9Page - Orister Corporation RS432CMP Datasheet HTML 10Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Page No. : 9/10
DS‐RS432‐07    September, 2009 
www.Orister.com
Soldering Methods for Orister’s Products 
1. Storage environment: Temperature=10
oC~35oC Humidity=65%±15% 
2. Reflow soldering of surface‐mount devices 
 
Profile Feature 
Sn‐Pb Eutectic Assembly 
Pb‐Free Assembly 
Average ramp‐up rate (TL to TP) 
<3
oC/sec 
<3
oC/sec 
Preheat 
‐ Temperature Min (Tsmin) 
‐ Temperature Max (Tsmax) 
‐ Time (min to max) (ts) 
 
100
oC 
150
oC 
60~120 sec 
 
150
oC 
200
oC 
60~180 sec 
Tsmax to TL   
‐ Ramp‐up Rate 
 
<3
oC/sec 
 
<3
oC/sec 
Time maintained above: 
‐ Temperature (TL) 
‐ Time (tL) 
 
183
oC 
60~150 sec 
 
217
oC 
60~150 sec 
Peak Temperature (TP) 
240
oC +0/‐5oC 
260
oC +0/‐5oC 
Time within 5
oC of actual Peak 
Temperature (tP) 
10~30 sec 
20~40 sec 
Ramp‐down Rate 
<6
oC/sec 
<6
oC/sec 
Time 25
oC to Peak Temperature 
<6 minutes 
<8 minutes 
3. Flow (wave) soldering (solder dipping) 
Products 
Peak temperature 
Dipping time 
Pb devices. 
245
oC ±5oC 
5sec ±1sec 
Pb‐Free devices. 
260
oC +0/‐5oC 
5sec ±1sec 
 
 
 
 
 
Figure 1: Temperature profile 
tP
tL
Ramp-down
Ramp-up
Tsmax
Tsmin
Critical Zone
TL to TP
tS
Preheat
TL
TP
25
t 25oC to Peak
Time



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com